Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 27 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 27 Page - Intel Corporation

Back Button I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
21
3.1.2
352-Lead HL-PBGA Package
Figure 3. 352L HL-PBGA Package Diagram (Top and Side View)
NOTES:
1. All dimensions and tolerances conform to ANSI Y14.5M 1982.
2. All dimensions are in millimeters.
3. Tin/Lead mix: 63%/37%.
4. Pad plating method: Electrolytic.
5. Encapsulant size: 22.38 x 22.38 mm (max).
Body Size
Ball spacing is 1.27 mm
35 ± 0.10 mm
1.54 ± 0.13 mm
35 ± 0.10 mm
Ball Footprint
31.75 mm
0.91 ± 0.06 mm
Package Height
0.63 ± 0.07 mm
Ball width is 0.75 ± 0.15 mm
1.63 mm
Ball A1 Corner
i960®
GC80960RxZZ
FFFFFFFF SS
Q QQQQ
© ‘9x ‘9x
M
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com