Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 33 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 33 Page - Intel Corporation

Back Button I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
27
Table 13. 352-Lead HL-PBGA Pinout — Ballpad Number Order (Sheet 1 of 4)
Ball #
Signal
A1
VCC
A2
VCC
A3
VCC5
A4
VCCPLL3
A5
MA6
A6
VCCPLL2
A7
MA1
A8
AD30
A9
AD27
A10
AD24
A11
AD21
A12
AD18
A13
AD15
A14
AD12
A15
AD9
A16
AD6
A17
AD3
A18
AD0
A19
VCCPLL1
A20
NC
A21
BE3#
A22
BE0#
A23
DEN#
A24
VCC
A25
VCC
A26
VCC
B1
VCC
B2
VCC
B3
MA11
B4
MA9
B5
MA7
B6
MA4
B7
MA2
B8
AD31
B9
AD28
B10
AD25
B11
AD22
B12
AD19
B13
AD16
B14
AD13
B15
AD10
B16
AD7
B17
AD4
B18
AD1
B19
RDYRCV#
B20
NC
B21
ADS#
B22
BE1#
B23
DT/R#
B24
TCK
B25
VCC
B26
VCC
C1
VCC
C2
DP0
C3
MA10
C4
MA8
C5
MA5
C6
MA3
C7
MA0
C8
AD29
C9
AD26
C10
AD23
C11
AD20
C12
AD17
C13
AD14
C14
AD11
C15
AD8
C16
AD5
C17
AD2
C18
NC
Ball #
Signal
C19
LRDYRCV#
C20
ALE
C21
BE2#
C22
W/R#
C23
BLAST#
C24
TMS
C25
TRST#
C26
VCC
D1
DP2
D2
DP3
D3
DP1
D4
VSS
D5
VCC
D6
VSS
D7
VCC
D8
VSS
D9
VCC
D10
VSS
D11
VCC
D12
VSS
D13
VCC
D14
VSS
D15
VCC
D16
VSS
D17
VCC
D18
VSS
D19
VCC
D20
VSS
D21
VCC
D22
VSS
D23
VSS
D24
S_GNT5#
D25
TDO
D26
TDI
E1
RAS1#
Ball #
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com