Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 37 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 37 Page - Intel Corporation

Back Button I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
31
3.2
Package Thermal Specifications
The device is specified for operation when TC (case
temperature) is within the range of 0° C to 95° C.
Case
temperature
may
be
measured
in
any
environment to determine whether the processor is
within specified operating range. Measure the case
temperature at the center of the top surface,
opposite the ballpad.
3.2.1
Thermal Specifications
This section defines the terms used for thermal
analysis.
3.2.1.1 Ambient Temperature
Ambient temperature, TA, is the temperature of the
ambient air surrounding the package. In a system
environment, ambient temperature is the temper-
ature of the air upstream from the package.
3.2.1.2 Case Temperature
To ensure functionality and reliability, the device is
specified for proper operation when the case
temperature, TC, is within the specified range in
Table 16, Operating Conditions (pg. 34).
When measuring case temperature, attention to
detail is required to ensure accuracy. If a thermo-
couple is used, calibrate it before taking measure-
ments. Errors may result when the measured
surface temperature is affected by the surrounding
ambient air temperature. Such errors may be due to
a poor thermal contact between thermocouple
junction and the surface, heat loss by radiation, or
conduction through thermocouple leads.
To minimize measurement errors:
• Use a 35 gauge K-type thermocouple or equiv-
alent.
• Attach the thermocouple bead or junction to the
package top surface at a location corresponding to
the center of the die (Figure 5). The center of the
die gives a more accurate measurement and less
variation as the boundary condition changes.
• Attach the thermocouple bead or junction at a 90°
angle by an adhesive bond (such as thermal epoxy
or heat-tolerant tape) to the package top surface
as shown in Figure 5. When a heat sink is
attached, drill a hole through the heat sink to allow
contact with the package above the center of the
die. The hole diameter should be no larger than
3.8 mm as shown in Figure 6.
Figure 5. Thermocouple Attachment -
No Heat Sink
Figure 6. Thermocouple Attachment -
With Heat Sink
3.2.1.3 Thermal Resistance
The thermal resistance value for the case-to-
ambient,
θ
CA, is used as a measure of the cooling
solution’s thermal performance.
Thermocouple Bead
Thermocouple Wire
Epoxy Fillet
Thermocouple
3.8 mm Diameter Hole
Heat Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com