Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 34 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 34 Page - Intel Corporation

Back Button I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
28
ADVANCE INFORMATION
Table 13. 352-Lead HL-PBGA Pinout — Ballpad Number Order (Sheet 2 of 4)
E2
RAS2#
E3
RAS0#
E4
VSS
E23
VCC
E24
S_REQ4#
E25
S_REQ5#/S_ARB_EN
E26
S_GNT4#
F1
CAS0#
F2
CAS1#
F3
RAS3#
F4
VCC
F23
VSS
F24
S_REQ3#
F25
S_CLK
F26
S_GNT3#
G1
CAS3#
G2
CAS4#
G3
CAS2#
G4
VSS
G23
VCC
G24
S_GNT1#
G25
S_GNT2#
G26
S_REQ2#
H1
CAS6#
H2
CAS7#
H3
CAS5#
H4
VCC
H23
VSS
H24
S_REQ0#/S_GNT#
H25
S_REQ1#
H26
S_GNT0#/S_REQ#
J1
MWE1#
J2
MWE2#
J3
MWE0#
J4
VSS
Ball #
Signal
J23
VCC
J24
S_AD30
J25
S_RST#
J26
S_AD31
K1
DWE0#
K2
DWE1#
K3
MWE3#
K4
VCC
K23
VSS
K24
S_AD27
K25
S_AD29
K26
S_AD28
L1
CE1#
L2
LEAF0#
L3
CE0#
L4
VSS
L23
VCC
L24
S_AD24
L25
S_AD26
L26
S_AD25
M1
DALE0
M2
DALE1
M3
LEAF1#
M4
VCC
M23
VSS
M24
S_AD23
M25
S_C/BE3#
M26
S_IDSEL
N1
S_INTA#/XINT0#
N2
S_INTB#/XINT1#
N3
WAIT#
N4
VSS
N23
VCC
N24
S_AD20
N25
S_AD22
Ball #
Signal
N26
S_AD21
P1
S_INTD#/XINT3#
P2
XINT4#
P3
S_INTC#/XINT2#
P4
VCC
P23
VSS
P24
S_AD17
P25
S_AD19
P26
S_AD18
R1
XINT6#
R2
XINT7#
R3
XINT5#
R4
VSS
R23
VCC
R24
S_FRAME#
R25
S_AD16
R26
S_C/BE2#
T1
PICD0
T2
PICD1
T3
NMI#
T4
VCC
T23
VSS
T24
S_DEVSEL#
T25
S_IRDY#
T26
S_TRDY#
U1
SCL
U2
SDA
U3
PICCLK
U4
VSS
U23
VCC
U24
S_PERR#
U25
S_STOP#
U26
S_LOCK#
V1
HOLD
V2
ICEBUS0
Ball #
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com