Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 43 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 43 Page - Intel Corporation

Back Button I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation I960 Datasheet HTML 44Page - Intel Corporation I960 Datasheet HTML 45Page - Intel Corporation I960 Datasheet HTML 46Page - Intel Corporation I960 Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
37
4.4
Targeted AC Specifications
Table 20. Input Clock Timings
Symbol
Parameter
Min
Max
Units
Notes
TF
S_CLK Frequency
16
33.33
MHz
TC
S_CLK Period
30
62.5
ns
(1)
TCS
S_CLK Period Stability
±250
ps
Adjacent Clocks (2,3)
TCH
S_CLK High Time
12
ns
Measured at 1.5 V (2,3)
TCL
S_CLK Low Time
12
ns
Measured at 1.5 V (2,3)
TCR
S_CLK Rise Time
4
V/ns
0.4 V to 2.4 V (2,3)
TCF
S_CLK Fall Time
4
V/ns
2.4 V to 0.4 V (2,3)
NOTES:
1. See Figure 9.
2. To ensure a 1:1 relationship between the amplitude of the input jitter and the internal clock, the jitter frequency spectrum
should not have any power peaking between 500 KHz and 1/3 of the S_CLK frequency.
3. Not tested.
Table 21. Synchronous Output Timings
Symbol
Parameter
Min
Max
Units
Notes
TOV1
Output Valid Delay - All Local Bus Signals Except
ALE Inactive and DT/R#
3
15.5
ns
(1,2,5)
TOV2
Output Valid Delay, DT/R#
0.5 TC +3 0.5 TC +15
ns
(2,5)
TOV3
Output Valid Delay - PCI Signals Except P_REQ#,
S_GNT0#/S_REQ#, and S_GNT5:1#
211
ns
(2,5)
TOV4
Output Valid Delay P_REQ#, S_GNT0#/S_REQ#,
and S_GNT5:1#
212
ns
(2,5)
TOV5
Output Valid Delay - DP3:0
3
19
ns
(2,5)
TOF
Output Float Delay
3
13
ns
(3,4,5)
NOTES:
1. Inactive ALE refers to the falling edge of ALE. For inactive ALE timings, see Table 23, Relative Output Timings (pg. 39).
2. See Figure 10, TOV Output Delay Waveform (pg. 45).
3. A float condition occurs when the output current becomes less than ILO. Float delay is not tested, but is designed to be no
longer than the valid delay.
4. See Figure 11, TOF Output Float Waveform (pg. 45).
5. Outputs precharged to VCC5 maximium.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com