Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 67 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 67 Page - Intel Corporation

Back Button I960 Datasheet HTML 62Page - Intel Corporation I960 Datasheet HTML 63Page - Intel Corporation I960 Datasheet HTML 64Page - Intel Corporation I960 Datasheet HTML 65Page - Intel Corporation I960 Datasheet HTML 66Page - Intel Corporation I960 Datasheet HTML 67Page - Intel Corporation I960 Datasheet HTML 68Page - Intel Corporation I960 Datasheet HTML 69Page - Intel Corporation I960 Datasheet HTML 70Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
61
Figure 32. HOLD/HOLDA Waveform For Bus Arbitration
S_CLK
Valid
Outputs:
AD31:0,
ALE, ADS#, BE3:0#
D/C#/RSTMODE#
LRDYRCV#, FAIL#
WIDTH/HLTD1,
WIDTH/HLTD1/RETRY,
W/R#, DT/R#, DEN#,
BLAST#, LOCK#/ONCE#
HOLD
HOLDA
(Note)
NOTE: HOLD is sampled on the rising edge of S_CLK. HOLDA is granted after the latency counter in the local
bus arbiter expires. The processor asserts HOLDA to grant the bus on the same edge in which it recognizes
Valid
TI or TR
TH
TH
TI or TA
HOLD if the last state was Ti or the last Tr of a bus transaction. Similarly, the processor deasserts HOLDA on
the same edge in which it recognizes the deassertion of HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com