Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 41 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 41 Page - Intel Corporation

Back Button I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation I960 Datasheet HTML 44Page - Intel Corporation I960 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
35
4.3
Targeted DC Specifications
Table 18. DC Characteristics
Symbol
Parameter
Min
Max
Units
Notes
VIL
Input Low Voltage
-0.5
0.8
V
(1)
VIH1
Input High Voltage for all signals
except SCLK
2.0
VCC + 0.5
V
(1)
VIH2
Input High Voltage for SCLK
2.1
VCC + 0.5
V
(1)
VOL1
Output Low Voltage Processor signals
0.45
V
IOL = 6 mA (3)
VOH1
Output High Voltage Processor signals
2.4
VCC - 0.5
VIOH = -2 mA (3)
IOH = -200 µA (3)
VOL2
Output Low Voltage PCI signals
0.55
V
IOL = 6 mA (1)
VOH2
Output High Voltage PCI signals
2.4
V
IOH = -2 mA (1)
VOL3
Output Low Voltage Memory Controller
Normal drive
0.45
V
IOL = 6 mA (4)
VOH3
Output High Voltage Memory
Controller Normal drive
2.4
V
IOH = -2 mA (4)
VOL4
Output Low Voltage Memory Controller
High Drive
0.45
V
IOL = 7 mA
VOH4
Output High Voltage Memory
Controller High Drive
2.4
V
IOH = -2 mA
VOL5
Output Low Voltage APIC Data Lines
0.45
V
IOL = 10 mA
CIN
Input Capacitance - HL-PBGA
10
pF
FS_CLK = TF Min (1, 2)
COUT
I/O or Output Capacitance - HL-PBGA
10
pF
FS_CLK = TF Min (1, 2)
CCLK
S_CLK Capacitance - HL-PBGA
5
12
pF
FS_CLK = TF Min (1, 2)
CIDSEL
IDSEL Ball Capacitance
8
pF
(1)
LPIN
Ball Inductance
20
nH
(1)
NOTES:
1. As required by the
PCI Local Bus Specification Revision 2.1.
2. Not tested.
3. Processor signals include AD31:0, ALE, ADS#, BE3:0#, WIDTH/HLTD0, WIDTH/HLTD1/RETRY, D/C#/RST_MODE#,
W/R#, DT/R#, DEN#, BLAST#, LRDYRCV#, LOCK#/ONCE#, HOLD, FAIL#, TDO, DACK#, WAIT#, SDA, SCL.
4. Memory Controller signals include MA11:0, DP3:0, RAS3:0#, CAS7:0#, MWE3:0#, DWE1:0#, DALE1:0, CE1:0#,
LEAF1:0#.
5. Memory Controller signals capable of high drive are MA11:0, CAS7:0#, RAS3:0#, DWE1:0#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com