Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 16 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 16 Page - Intel Corporation

Back Button I960 Datasheet HTML 12Page - Intel Corporation I960 Datasheet HTML 13Page - Intel Corporation I960 Datasheet HTML 14Page - Intel Corporation I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
10
ADVANCE INFORMATION
BE3:0#
O
R(1)
H(Z)
P(1)
BYTE ENABLES select which of up to four data bytes on the bus participate
in the current bus access. Byte enable encoding depends on the bus width
of the memory region accessed:
32-bit bus:
BE3# enables data on AD31:24
BE2# enables data on AD23:16
BE1# enables data on AD15:8
BE0# enables data on AD7:0
16-bit bus:
BE3# becomes Byte High Enable (enables data on AD15:8)
BE2# is not used (state is high)
BE1# becomes Address Bit 1 (A1)
(increments with the assertion of LRDY# or RDYRCV#)
BE0# becomes Byte Low Enable (enables data on AD7:0)
8-bit bus:
BE3# is not used (state is high)
BE2# is not used (state is high)
BE1# becomes Address Bit 1 (A1)
(increments with the assertion of LRDY# or RDYRCV#)
BE0# becomes Address Bit 0 (A0)
(increments with the assertion of LRDY# or RDYRCV#)
The processor asserts byte enables, byte high enable and byte low enable
during Ta. Since unaligned bus requests are split into separate bus transac-
tions, these signals do not toggle during a burst (32-bit bus only) from the
i960 core processor; they do toggle for DMA and ATU cycles. They remain
active through the last Td cycle.
DEN#
O
H(Z)
P(1)
DATA ENABLE indicates data transfer cycles during a bus access. DEN# is
asserted at the start of the first data cycle in a bus access and deasserted at
the end of the last data cycle. DEN# is used with DT/R# to provide control for
data transceivers connected to the data bus. DEN# has a weak internal
pullup which is active during reset to ensure normal operation when the
signal is not connected.
0 = Data Cycle
1 = Not a Data Cycle
Table 4. Signal Descriptions (Sheet 2 of 5)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com