Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 24 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 24 Page - Intel Corporation

Back Button I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
18
ADVANCE INFORMATION
Table 8. Memory Controller Signal Descriptions (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
CAS7:0#
O
R(1)
H(Q)
P(Q)
COLUMN ADDRESS STROBE signals are used for DRAM accesses and are
asserted when the MA11:0 signals contain a valid column address. CAS7:0#
signals are asserted during refresh.
Non-Interleaved Operation:
CAS0#,CAS4# = BE0#
lane access
CAS1#,CAS5# = BE1#
lane access
CAS2#,CAS6# = BE2#
lane access
CAS3#,CAS7# = BE3#
lane access
Interleaved Operation:
CAS0# = BE0#
Even leaf lane access
CAS1# = BE1#
Even leaf lane access
CAS2# = BE2#
Even leaf lane access
CAS3# = BE3#
Even leaf lane access
CAS4# = BE0#
Odd leaf lane access
CAS5# = BE1#
Odd leaf lane access
CAS6# = BE2#
Odd leaf lane access
CAS7# = BE3#
Odd leaf lane access
CE1:0#
O
R(1)
H(Q)
P(Q)
CHIP ENABLE signals indicate an access to one of the two SRAM/ FLASH/
ROM memory banks. CE0# and CE1# are never asserted at the same time.
These signals are valid during the entire memory operation. CE0# is asserted
for accesses to memory bank 0. CE1# is asserted for accesses to memory
bank 1.
DALE1:0
O
R(0)
H(Q)
P(Q)
DRAM ADDRESS LATCH ENABLE signals support external address demul-
tiplexing of the MA11:0 address lines for interleaved DRAM systems. Use
these to directly interface to ‘373’ type latches. These signals are only valid for
accesses to interleaved memory systems. DALE0 is asserted during a valid
even leaf address. DALE1 is asserted during a valid odd leaf address.
DP3:0
I/O
R(X)
H(Q)
P(Q)
DATA PARITY carries the parity information for DRAM accesses. Each parity
bit corresponds to a group of 8 data bus signals as follows:
DP0 — AD7:0
DP2 — AD23:16
DP1 — AD15:8
DP3 — AD31:24
The memory controller generates parity information for local bus writes during
data cycles. During read data cycles, the memory controller checks parity and
provides notification of parity errors on the clock following the data cycle.
Parity checking and polarity are user-programmable. Parity generation and
checking are valid only for data lines that have their associated enable bits
asserted.
DWE1:0#
O
R(1)
H(Q)
P(Q)
DRAM WRITE ENABLE signals distinguish between read and write accesses
to DRAM. DWE1:0# lines are asserted for writes and deasserted for reads.
CAS7:0# determine valid bytes lanes during the access. These two outputs
are functionally equivalent for all DRAM accesses; these provide increased
drive capability for heavily loaded systems.
LEAF1:0#
O
R(1)
H(Q)
P(Q)
LEAF ENABLE signals control the data output enables of the memory system
during an interleaved DRAM read access. Use these to directly interface to
either DRAM or transceiver output enable signals. LEAF0# is asserted during
an even leaf access. LEAF1# is asserted during an odd leaf access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com