Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 26 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 26 Page - Intel Corporation

Back Button I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation I960 Datasheet HTML 24Page - Intel Corporation I960 Datasheet HTML 25Page - Intel Corporation I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
20
ADVANCE INFORMATION
SCL
I/O
OD
R(Z)
H(Q)
P(Q)
I
2C CLOCK provides synchronous I2C bus operation.
SDA
I/O
OD
R(Z)
H(Q)
P(Q)
I
2C DATA used for data transfer and arbitration on the I2C bus.
WAIT#
O
R(1)
H(Q)
P(Q)
WAIT is an output that allows the DMA controller to insert wait states during
DMA accesses to an external memory system.
Table 10. Clock Signal
NAME
TYPE
DESCRIPTION
S_CLK
I
SYNCHRONOUS PCI BUS CLOCK Provides the processor’s fundamental time
base. All input/output timings are relative to S_CLK.
Table 11. ICE Signal Descriptions
NAME
TYPE
DESCRIPTION
ICEADS#
O
ICE ADDRESS/DATA STATUS indicates a valid address and the start of a new
bus access. ICEADS# is active for accesses to external microcode.
ICEBRK#
I
ICE BREAK forces the processor to transition from emulation to interrogation
mode.
ICEBUS7:0
I/O
ICE BUS is a bidirectional 8-bit bus linking the processor and the emulator.
Used in various modes.
ICECLK
O
ICE CLOCK output signal to which all ICE bus signals are synchronized.
ICELOCK#
I
ICE LOCK is sampled during 80960 core reset to protect ICE configuration.
ICEMSG#
I
ICE MESSAGE signal used to acknowledge data from the processor to the
emulator. Used only during interrogation mode.
ICESEL#
I
ICESEL enables or disables the ICE unit.
ICEVLD#
O
ICE VALID indicates the processor is driving the ICEBUS with valid data.
MSGFRM#
O
ICE MESSAGE FRAME indicates that trace messages are being issued to the
ICEBUS. Used in emulation mode only.
Table 9. DMA, APIC, I2C Units Signal Descriptions (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com