Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 18 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 18 Page - Intel Corporation

Back Button I960 Datasheet HTML 14Page - Intel Corporation I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
12
ADVANCE INFORMATION
HOLD
I
S(L)
HOLD is a request from an external bus master to acquire the bus. When the
processor receives HOLD and grants bus control to another master, it
asserts HOLDA, floats the address/data and control lines and enters the Th
state. When HOLD is deasserted, the processor deasserts HOLDA and
enters either the Ti or Ta state, resuming control of the address/data and
control lines. See Figure 32, HOLD/HOLDA Waveform For Bus Arbitration
(pg. 61).
0 = No Hold Request
1 = Hold Requested
HOLDA
O
R(0)
H(1)
P(Q)
HOLD ACKNOWLEDGE indicates to an external bus master that the
processor has relinquished bus control. The processor can grant HOLD
requests and enter the Th state and while halted as well as during regular
operation. See Figure 32, HOLD/HOLDA Waveform For Bus Arbitration (pg.
61).
0 = No Hold Acknowledged
1 = Hold Acknowledged
RDYRCV#
I
S(L)
READY/RECOVER is only used in systems that use an external memory
controller (and do not use the 80960Rx’s memory controller unit). This signal
indicates that data on AD lines can be sampled or removed. When
RDYRCV# is not asserted during a Td cycle, the Td cycle extends to the next
cycle by inserting a wait state (Tw).
0 = Sample Data
1 = Do Not Sample Data
RDYRCV# has an alternate function during the recovery (Tr) state. The
processor continues to insert recovery states until it samples the signal
HIGH. This gives slow external devices more time to float their buffers
before the processor drives addresses.
0 = Insert Wait States
1 = Recovery Complete
When using the internal memory controller, connect this signal to VCC
through a 2.7 K
Ω resistor.
W/R#
O
R(0)
H(Z)
P(Q)
WRITE/READ specifies during a Ta cycle whether the operation is a write or
read. It is latched on-chip and remains valid during Td cycles.
0 = Read
1 = Write
WIDTH/
HLTD0
I/O
R(H)
H(Z)
P(Q)
WIDTH denotes the physical memory attributes for a bus transaction in
conjunction with WIDTH/HLTD1/RETRY:
WIDTH/HLTD1/RETRY
WIDTH/HLTD0
0
0
8 Bits Wide
0
1
16 Bits Wide
1
0
32 Bits Wide
1
1
Undefined
WIDTH/HLTD0 For proper operation, do not connect this signal to ground.
This signal has a weak internal pullup which is active during reset to ensure
normal operation.
HLTD0 signal name has no function in the 80960Rx; the signal name is
included for 80960JF naming convention compatibility.
Table 4. Signal Descriptions (Sheet 4 of 5)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com