Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 40 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 40 Page - Intel Corporation

Back Button I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation I960 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
34
ADVANCE INFORMATION
4.0
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings
4.2
VCC5 Pin Requirements (VDIFF)
In mixed voltage systems that drive 80960Rx
processor inputs in excess of 3.3 V, the VCC5 pin
must be connected to the system’s 5 V supply. To
limit current flow into the VCC5 pin, there is a limit to
the voltage differential between the VCC5 pin and the
other VCC pins. The voltage differential between the
80960Rx VCC5 pin and its 3.3 V VCC pins should
never exceed 2.25 V. This limit applies to power-up,
power-down, and steady-state operation. Table 17
outlines this requirement.
Meeting this requirement ensures proper operation
and guarantees that the current draw into the VCC5
pin does not exceed the ICC5 specification.
If the voltage difference requirements cannot be met
due to system design limitations, an alternate
solution may be employed. As shown in Figure 7, a
minimum of 100
Ω series resistor may be used to
limit the current into the VCC5 pin. This resistor
ensures that current drawn by the VCC5 pin does not
exceed the maximum rating for this pin.
Figure 7. VCC5 Current-Limiting Resistor
This resistor is not necessary in systems that can
guarantee the VDIFF specification.
In 3.3 V-only systems and systems that drive
80960Rx pins from 3.3 V logic, connect the VCC5 pin
directly to the 3.3 V VCC plane.
Parameter
Maximum Rating
Storage Temperature
–
55
° C to + 125° C
Case Temperature Under Bias
0
° C to + 95° C
Supply Voltage wrt. VSS
–
0.5 V to + 4.6 V
Supply Voltage wrt. VSS on VCC5 –0.5 V to + 6.5 V
Voltage on Any Ball wrt. VSS
–
0.5 V to VCC + 0.5 V
NOTICE: This data sheet contains information on
products in the sampling and initial production
phases of development. The specifications are
subject to change without notice. Contact your
local Intel representative before finalizing a design.
WARNING:
Stressing the device beyond the
“Absolute Maximum Ratings” may cause
permanent damage. These are stress ratings only.
Operation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.
Table 16. Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
3.0
3.6
V
VCC5
Input Protection Bias
3.0
5.25
V
FS_CLK
Input Clock Frequency
16
33.33
MHz
TC
Case Temperature Under Bias
GC80960Rx (352 HL-PBGA)
0
95
°C
+5 V (±0.25 V)
VCC5 Pin
100
Ω
(±5%, 0.5 W)
Table 17. VDIFF Specification for Dual Power Supply Requirements (3.3 V, 5 V)
Symbol
Parameter
Min
Max
Units
Notes
VDIFF
VCC5-VCC
Difference
2.25
V
VCC5 input should not exceed VCC by more than 2.25 V
during power-up and power-down, or during steady-state
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com