Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 19 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 19 Page - Intel Corporation

Back Button I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation I960 Datasheet HTML 22Page - Intel Corporation I960 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
13
WIDTH/
HLTD1/
RETRY
I/O
R(H)
H(Z)
P(Q)
WIDTH denotes the physical memory attributes for a bus transaction in
conjunction with the WIDTH/HLTD0 signal. Refer to description above.
RETRY is sampled at Primary PCI bus reset to determine when the Primary
PCI interface is disabled. When high, the Primary PCI interface disables PCI
configuration cycles by signaling a RETRY until the Extended Bridge Control
Register’s Configuration Cycle Disable bit is cleared. When low, the Primary
PCI interface allows configuration cycles to occur. WIDTH/HLTD1/RETRY
has a weak internal pullup which is active during reset to ensure normal
operation when the signal is not connected.
HLTD1 signal name has no function in the 80960Rx; the signal name is
included for 80960JF naming convention compatibility.
Table 5. Power Requirement, Processor Control and Test Signal Descriptions (Sheet 1 of 2)
NAME
TYPE
DESCRIPTION
FAIL#
O
R(0)
H(Q)
FAIL indicates a failure of the processor’s built-in self-test performed during initial-
ization. FAIL# is asserted immediately upon reset and toggles during self-test to
indicate the status of individual tests:
• When self-test passes, the processor deasserts FAIL# and commences operation
from user code.
• When self-test fails, the processor asserts FAIL# and then stops executing. Self-
test failing does not cause the bridge to stop execution.
0 = Self Test Failed
1 = Self Test Passed
L_RST#
O
LOCAL BUS RESET notifies external devices that the local bus has reset.
STEST
I
S(L)
SELF TEST enables or disables the processor’s internal self-test feature at initial-
ization. STEST is examined at the end of P_RST#. When STEST is asserted, the
processor performs its internal self-test and the external bus confidence test. When
STEST is deasserted, the processor performs only the external bus confidence test.
0 = Self Test Disabled
1 = Self Test Enabled
TCK
I
TEST CLOCK is a CPU input that provides the clocking function for IEEE 1149.1
Boundary Scan Testing (JTAG). State information and data are clocked into the
processor on the rising edge; data is clocked out of the processor on the falling edge.
TDI
I
S(L)
TEST DATA INPUT is the serial input signal for JTAG. TDI is sampled on the rising
edge of TCK, during the SHIFT-IR and SHIFT-DR states of the Test Access Port.
This signal has a weak internal pullup which is active during reset to ensure normal
operation when the signal is not connected.
TDO
O
R(Q)
H(Q)
P(Q)
TEST DATA OUTPUT is the serial output signal for JTAG. TDO is driven on the
falling edge of TCK during the SHIFT-IR and SHIFT-DR states of the Test Access
Port. At other times, TDO floats.
TMS
I
S(L)
TEST MODE SELECT is sampled at the rising edge of TCK to select the operation of
the test logic for IEEE 1149.1 Boundary Scan testing. This signal has a weak internal
pullup which is active during reset to ensure normal operation when the signal is not
connected.
Table 4. Signal Descriptions (Sheet 5 of 5)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com