Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 38 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 38 Page - Intel Corporation

Back Button I960 Datasheet HTML 34Page - Intel Corporation I960 Datasheet HTML 35Page - Intel Corporation I960 Datasheet HTML 36Page - Intel Corporation I960 Datasheet HTML 37Page - Intel Corporation I960 Datasheet HTML 38Page - Intel Corporation I960 Datasheet HTML 39Page - Intel Corporation I960 Datasheet HTML 40Page - Intel Corporation I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
32
ADVANCE INFORMATION
3.2.2
Thermal Analysis
This thermal analysis is based on the following
assumptions:
• Power dissipation is a constant 5 W.
• Maximum case temperature is 95° C.
Table 14 lists the case-to-ambient thermal resis-
tances of the 80960RP for different air flow rates
with and without a heat sink.
To calculate TA, the maximum ambient temperature
to conform to a particular case temperature:
TA = TC - P (θCA)
Compute P by multiplying ICC and VCC. Valuesfor
θ
JC and θCA are given in Table 14.
Junction temperature (TJ) is commonly used in
reliability calculations. TJ can be calculated from θJC
(thermal resistance from junction to case) using the
following equation:
TJ = TC + P (θJC)
Similarly, when TA is known, the corresponding case
temperature (TC) can be calculated as follows:
TC = TA + P (θCA)
The
θ
JA (Junction to Ambient) for this package is
currently estimated at 9.74° C/Watt with no airflow.
θJA = θJC + θCA
Table 14. 352-Lead HL-PBGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
300
(1.52)
400
(2.03)
600
(3.04)
800
(4.06)
θ
JC (Junction-to-Case)
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
θ
CA (Case-to-Ambient)
Without Heatsink
9.14
7.64
6.58
6.11
5.79
5.61
5.49
5.47
θ
CA (Case-to-Ambient)
With Heatsink2
7.31
6.00
5.21
4.80
4.52
4.37
4.26
4.23
NOTES:
1. This table applies to a HL-PBGA device soldered directly onto a board.
2. See Table 15 for heatsink information.
θ
JA
θ
JC
θ
CA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com