Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 45 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 45 Page - Intel Corporation

Back Button I960 Datasheet HTML 41Page - Intel Corporation I960 Datasheet HTML 42Page - Intel Corporation I960 Datasheet HTML 43Page - Intel Corporation I960 Datasheet HTML 44Page - Intel Corporation I960 Datasheet HTML 45Page - Intel Corporation I960 Datasheet HTML 46Page - Intel Corporation I960 Datasheet HTML 47Page - Intel Corporation I960 Datasheet HTML 48Page - Intel Corporation I960 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
39
4.4.1
Relative Output Timings
4.4.2
Memory Controller Relative Output Timings
Table 23. Relative Output Timings
Symbol
Parameter
Min
Max
Units
Notes
TLXL
ALE Width
0.5TC-3
ns
(1,2,4)
TLXA
Address Hold from ALE Inactive
0.5TC-3
ns
Equal Loading (1,2,4)
TDXD
DT/R# Valid to DEN# Active
0.5TC-3
ns
Equal Loading (1,3,4)
NOTES:
1. Guaranteed by design. May not be 100% tested.
2. See Figure 13.
3. See Figure 14.
4. Outputs precharged to VCC5 maximium.
Table 24. Fast Page Mode Non-interleaved DRAM Output Timings
Symbol
Description
Min
Max
Units
Notes
TOV6
RAS3:0# Rising and Falling edge Output Valid
Delay
29
ns
2
TOV7
CAS7:0# Rising Edge Output Valid Delay
2
8
ns
2
TOV8
CAS7:0# Falling Edge Output Valid Delay
0.5Tc+2
0.5Tc+8
ns
1,2
TOV9
MA11:0 Output Valid Delay-Row Address
0.5Tc+2
0.5Tc+10
ns
1,2
TOV10
MA11:0 Output Valid Delay-Column Address
2
10
ns
2
TOV11
DWE1:0# Rising and Falling edge Output Valid
Delay
211
ns
2
NOTES:
1. Signal generated on the rising edge of an internally generated 2XCLK which corresponds to the center of an S_CLK
period. For testing purposes, the signal is specified relative to the rising edge of S_CLK with the 0.5Tc period offset.
2. Output switching between VCC3 maximium and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com