Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 49 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 49 Page - Intel Corporation

Back Button I960 Datasheet HTML 45Page - Intel Corporation I960 Datasheet HTML 46Page - Intel Corporation I960 Datasheet HTML 47Page - Intel Corporation I960 Datasheet HTML 48Page - Intel Corporation I960 Datasheet HTML 49Page - Intel Corporation I960 Datasheet HTML 50Page - Intel Corporation I960 Datasheet HTML 51Page - Intel Corporation I960 Datasheet HTML 52Page - Intel Corporation I960 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
43
4.4.5
I2C Interface Signal Timings
TAPIS1
Input Setup to PICCLK — PICD1:0
3
ns
TAPIH1
Input Hold from PICCLK — PICD1:0
2.5
ns
TAPOF
Output Float Delay from PICCLK — PICD1:0
4
16
ns
(1)
TAPOVI
Output Valid Delay from PICCLK — PICD1:0 (High to Low)
4
22
ns
Table 31. I2C Interface Signal Timings
Symbol
Parameter
Std. Mode
Fast Mode
Units
Notes
Min
Max
Min
Max
FSCL
SCL Clock Frequency
0
100
0
400
KHz
TBUF
Bus Free Time Between STOP and START
Condition
4.7
1.3
µs(1)
THDSTA
Hold Time (repeated) START Condition
4
0.6
µs
(1,3)
TLOW
SCL Clock Low Time
4.7
1.3
µs
(1,2)
THIGH
SCL Clock High Time
4
0.6
µs
(1,2)
TSUSTA
Setup Time for a Repeated START Condition
4.7
0.6
µs(1)
THDDAT
Data Hold Time
0
0
0.9
µs(1)
TSUDAT
Data Setup Time
250
100
ns
(1)
TR
SCL and SDA Rise Time
1000
20+0.1Cb
300
ns
(1,4)
TF
SCL and SDA Fall Time
300
20+0.1Cb
300
ns
(1,4)
TSUSTO
Setup Time for STOP Condition
4
0.6
µs(1)
NOTES:
1. See Figure 15.
2. Not tested.
3. After this period, the first clock pulse is generated.
4. Cb = the total capacitance of one bus line, in pF.
Table 30. APIC Bus Interface Signal Timings (Sheet 2 of 2)
Symbol
Parameter
Min
Max
Units
Notes
NOTES:
1. Not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com