Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 55 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 55 Page - Intel Corporation

Back Button I960 Datasheet HTML 51Page - Intel Corporation I960 Datasheet HTML 52Page - Intel Corporation I960 Datasheet HTML 53Page - Intel Corporation I960 Datasheet HTML 54Page - Intel Corporation I960 Datasheet HTML 55Page - Intel Corporation I960 Datasheet HTML 56Page - Intel Corporation I960 Datasheet HTML 57Page - Intel Corporation I960 Datasheet HTML 58Page - Intel Corporation I960 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
49
Figure 17. Fast Page-Mode Write Access, Non-Interleaved, 2,1,1,1 Wait States, 32-Bit 80960 Local Bus
DATA
DATA
DATA
S_CLK
AD31:0
TA
Tw
Tw
Td
Tw
Td
Tw
Td
Tw
Td
Tr
OUT
OUT
OUT
MA11:0
ALE
ADS#
BE3:0#
W/R#
BLAST#
DT/R#
MWE0#
DWE0#
RAS0#
CAS3:0#
ADDR
ROW
COL
COL
COL
COL
LRDYRCV#
RDYRCV#
DATA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com