Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 17 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 17 Page - Intel Corporation

Back Button I960 Datasheet HTML 13Page - Intel Corporation I960 Datasheet HTML 14Page - Intel Corporation I960 Datasheet HTML 15Page - Intel Corporation I960 Datasheet HTML 16Page - Intel Corporation I960 Datasheet HTML 17Page - Intel Corporation I960 Datasheet HTML 18Page - Intel Corporation I960 Datasheet HTML 19Page - Intel Corporation I960 Datasheet HTML 20Page - Intel Corporation I960 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
i960
® Rx I/O Processor at 3.3 V
ADVANCE INFORMATION
11
D/C#/
RST_MODE#
I/O
R(H)
H(Z)
P(Q)
DATA/CODE/RESET_MODE indicates that a bus access is a data access
or an instruction access. D/C# has the same timing as W/R#.
0 = Instruction Access
1 = Data Access
The RST_MODE# signal is sampled at Primary PCI bus reset to determine
whether the 80960 core is to be held in reset. When RST_MODE# is high,
the 80960Rx begins initialization immediately following the deassertion of
P_RST. When RST_MODE is low, the 80960 core remains in reset until the
80960 core reset bit is cleared in the extended bridge control register. This
signal has a weak internal pullup that is active during reset to ensure normal
operation when the signal is left unconnected.
0 = RST_MODE enabled
1 = RST_MODE not enabled
While the 80960 core is in reset, all peripherals may be accessed from the
primary or secondary PCI buses depending on the status of the
WIDTH/HLTD1/RETRY/ signal.
DT/R#
O
R(0)
H(Z)
P(Q)
DATA TRANSMIT / RECEIVE indicates the direction of data transfer to and
from the address/data bus. It is low during Ta and Tw/Td cycles for a read; it
is high during Ta and Tw/Td cycles for a write. DT/R# never changes state
when DEN# is asserted.
0 = Receive
1 = Transmit
LOCK#/ONCE#
I/O
S(L)
R(H)
H(Z)
P(Q)
BUS LOCK indicates that an atomic read-modify-write operation is in
progress. The LOCK# output is asserted in the first clock of an atomic
operation and deasserted in the last data transfer of the sequence. The
processor does not grant HOLDA while asserting LOCK#. This prevents
external agents from accessing memory involved in semaphore operations.
0 = Atomic Read-Modify-Write in Progress
1 = No Atomic Read-Modify-Write in Progress
ONCE MODE: The processor samples the ONCE input during reset. When
ONCE# is asserted LOW at the end of reset, the processor enters ONCE
mode, stops all clocks and floats all output signals. LOCK#/ONCE# has a
weak internal pullup which is active during reset to ensure normal operation
when the signal is not connected.
0 = ONCE Mode Enabled
1 = ONCE Mode Not Enabled
LRDYRCV#
O
R(1)
H(Q)
P(Q)
LOCAL READY/RECOVER, generated by the 80960Rx’s memory controller
unit, is an output version of the READY/RECOVER (RDYRCV#) signal.
Refer to the RDYRCV# signal description.
Table 4. Signal Descriptions (Sheet 3 of 5)
NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com