Electronic Components Datasheet Search
  English  ▼

X  

I960 Datasheet(PDF) 30 Page - Intel Corporation

Part # I960
Description  i960 RP/RD I/O PROCESSOR AT 3.3 VOLTS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

I960 Datasheet(HTML) 30 Page - Intel Corporation

Back Button I960 Datasheet HTML 26Page - Intel Corporation I960 Datasheet HTML 27Page - Intel Corporation I960 Datasheet HTML 28Page - Intel Corporation I960 Datasheet HTML 29Page - Intel Corporation I960 Datasheet HTML 30Page - Intel Corporation I960 Datasheet HTML 31Page - Intel Corporation I960 Datasheet HTML 32Page - Intel Corporation I960 Datasheet HTML 33Page - Intel Corporation I960 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
i960® Rx I/O Processor at 3.3 V
24
ADVANCE INFORMATION
Table 12. 352-Lead HL-PBGA Package — Signal Name Order (Sheet 2 of 4)
P_AD10
AF20
P_AD11
AD20
P_AD12
AE19
P_AD13
AF19
P_AD14
AD19
P_AD15
AE18
P_AD16
AE14
P_AD17
AF14
P_AD18
AD14
P_AD19
AE13
P_AD20
AF13
P_AD21
AD13
P_AD22
AE12
P_AD23
AF12
P_AD24
AF11
P_AD25
AD11
P_AD26
AE10
P_AD27
AF10
P_AD28
AD10
P_AD29
AE9
P_AD30
AF9
P_AD31
AD9
P_C/BE0#
AF21
P_C/BE1#
AF18
P_C/BE2#
AD15
P_C/BE3#
AE11
P_DEVSEL#
AF16
P_FRAME#
AF15
P_GNT#
AF8
P_IDSEL
AD12
P_INTA#
AF6
P_INTB#
AE6
P_INTC#
AD7
P_INTD#
AF7
P_IRDY#
AE15
P_LOCK#
AD17
P_PAR
AD18
P_PERR#
AF17
P_REQ#
AE8
Signal
Ball #
P_RST#
AE7
P_SERR#
AE17
P_STOP#
AE16
P_TRDY#
AD16
PICCLK
U3
PICD0
T1
PICD1
T2
RAS0#
E3
RAS1#
E1
RAS2#
E2
RAS3#
F3
RDYRCV#
B19
S_AD0
AE24
S_AD1
AD25
S_AD2
AC24
S_AD3
AC26
S_AD4
AC25
S_AD5
AB24
S_AD6
AB26
S_AD7
AB25
S_AD8
AA26
S_AD9
AA25
S_AD10
Y24
S_AD11
Y26
S_AD12
Y25
S_AD13
W24
S_AD14
W26
S_AD15
W25
S_AD16
R25
S_AD17
P24
S_AD18
P26
S_AD19
P25
S_AD20
N24
S_AD21
N26
S_AD22
N25
S_AD23
M24
S_AD24
L24
S_AD25
L26
S_AD26
L25
Signal
Ball #
S_AD27
K24
S_AD28
K26
S_AD29
K25
S_AD30
J24
S_AD31
J26
S_C/BE0#
AA24
S_C/BE1#
V24
S_C/BE2#
R26
S_C/BE3#
M25
S_CLK
F25
S_DEVSEL#
T24
S_FRAME#
R24
S_GNT0#/S_REQ#
H26
S_GNT1#
G24
S_GNT2#
G25
S_GNT3#
F26
S_GNT4#
E26
S_GNT5#
D24
S_IDSEL
M26
S_INTA#/XINT0#
N1
S_INTB#/XINT1#
N2
S_INTC#/XINT2#
P3
S_INTD#/XINT3#
P1
S_IRDY#
T25
S_LOCK#
U26
S_PAR
V26
S_PERR#
U24
S_REQ0#/S_GNT#
H24
S_REQ1#
H25
S_REQ2#
G26
S_REQ3#
F24
S_REQ4#
E24
S_REQ5#/S_ARB_EN
E25
S_RST#
J25
S_SERR#
V25
S_STOP#
U25
S_TRDY#
T26
SCL
U1
SDA
U2
Signal
Ball #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com