| Electronic Components Datasheet Search |
|
ADSP-21364SBBCZENG Datasheet(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21364SBBCZENG Datasheet(HTML) 27 Page - Analog Devices |
|
27 / 52 page ![]() ADSP-21364 Preliminary Technical Data Rev. PrB | Page 27 of 52 | September 2004 Memory Write—Parallel Port Use these specifications for asynchronous interfacing to memo- ries (and memory-mapped peripherals) when the ADSP-21364 is accessing external memory space. Table 22. 8-bit Memory Write Cycle Parameter Min Max Unit Switching Characteristics: tALEW ALE Pulse Width 2 × tPCLK – 2 ns tADAS 1 Address/Data 15–0 Setup Before ALE Deasserted tPCLK – 2.5 ns tALERW ALE Deasserted to Read/Write Asserted 2 × tPCLK – 2 ns tRWALE Write Deasserted to ALE Asserted H + 0.5 ns tWRH Delay Between WR Rising Edge to next WR Falling Edge F + H + tPCLK – 2 ns tADAH 1 Address/Data 15–0 Hold After ALE Deasserted tPCLK – 0.5 ns tWW WR Pulse Width D – F – 2 ns tADWL Address/Data 15–8 to WR Low tPCLK – 1.5 ns tADWH Address/Data 15–8 Hold After WR High H ns tDWS Address/Data 7–0 Setup Before WR High D – F + tPCLK – 4 ns tDWH Address/Data 7–0 Hold After WR High H ns tDAWH Address/Data to WR High D – F + tPCLK – 4 ns D = (Data Cycle Duration = the value set by the PPDUR bits (5–1) in the PPCTL register) × tPCLK H = tPCLK (if a hold cycle is specified, else H = 0) F = 7 x tPCLK (if FLASH_MODE is set else F = 0) 1 On reset, ALE is an active high cycle. However, it can be configured by software to be active low. Figure 19. Write Cycle For 8-Bit Memory Timing AD15-8 VALID ADDRESS VALID ADDRESS t ADAS AD7-0 ALE RD WR t ADAH t ADWH t ADWL VALID DATA t DAWH tWRH t RWALE VALID ADDRESS VALID DATA t ALEW t ALERW tWW t DWS t DWH VALID ADDRESS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |