Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 33 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 33 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 29Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 30Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 33Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 34Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 35Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 36Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 33 of 52
|
September 2004
Parallel Data Acquisition Port (PDAP)
The timing requirements for the PDAP are provided in
Table 29. PDAP is the parallel mode operation of channel 0 of
the IDP. For details on the operation of the IDP, see the IDP
chapter of the ADSP-2136x SHARC Processor Hardware Refer-
ence. Note that the most significant 16 bits of external PDAP
data can be provided through either the parallel port AD15–0 or
the DAI_P20–5 pins. The remaining 4 bits can only be sourced
through DAI_P4–1. The timing below is valid at the
DAI_P20–1 pins or at the AD15–0 pins.
Table 29. Parallel Data Acquisition Port (PDAP)
Parameter
Min
Max
Unit
Timing Requirements
tSPCLKEN
1
PDAP_CLKEN Setup Before PDAP_CLK Sample Edge
2.5
ns
tHPCLKEN
1
PDAP_CLKEN Hold After PDAP_CLK Sample Edge
2.5
ns
tPDSD
1
PDAP_DAT Setup Before SCLK PDAP_CLK Sample Edge
2.5
ns
tPDHD
1
PDAP_DAT Hold After SCLK PDAP_CLK Sample Edge
2.5
ns
tPDCLKW
Clock Width
7
ns
tPDCLK
Clock Period
24
ns
Switching Characteristics
tPDHLDD
Delay of PDAP Strobe After Last PDAP_CLK Capture Edge for a Word
2 × tCCLK
ns
tPDSTRB
PDAP Strobe Pulse Width
1 × tCCLK – 1
ns
1 Source pins of DATA are ADDR7–0, DATA7–0, or DAI pins. Source pins for SCLK and FS are: 1) DAI pins, 2) CLKIN through PCG, or 3) DAI pins through PCG.
Figure 24. PDAP Timing
DAI_P20-1
(PDAP_CLK)
SAMPLE EDGE
tPDSD
tPDHD
tSPCLKEN
tHPCLKEN
tPDCLKW
DATA
DAI_P20-1
(PDAP_CLKEN)
tPDSTRB
tPDHLDD
DAI_P20-1
(PDAP_STROBE)
tPDCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com