Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 17 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 17 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 13Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 17 of 52
|
September 2004
Note the definitions of various clock periods that are a function
of CLKIN and the appropriate ratio control (Table 8).
Figure 5 shows Core to CLKIN ratios of 6:1, 16:1 and 32:1 with
external oscillator or crystal. Note that more ratios are possible
and can be set through software using the power management
control register (PMCTL). For more information, see the
ADSP-2136x SHARC Processor Programming Reference.
Use the exact timing information given. Do not attempt to
derive parameters from the addition or subtraction of others.
While addition or subtraction would yield meaningful results
for an individual device, the values given in this data sheet
reflect statistical variations and worst cases. Consequently, it is
not meaningful to add parameters to derive longer times. See
Figure 38 on page 43 under Test Conditions for voltage refer-
ence levels.
Switching Characteristics specify how the processor changes its
signals. Circuitry external to the processor must be designed for
compatibility with these signal characteristics. Switching char-
acteristics describe what the processor will do in a given
circumstance. Use switching characteristics to ensure that any
timing requirement of a device connected to the processor (such
as memory) is satisfied.
Timing Requirements apply to signals that are controlled by cir-
cuitry external to the processor, such as the data input for a read
operation. Timing requirements guarantee that the processor
operates correctly with other devices.
Table 8. ADSP-21364 CLKOUT and CCLK Clock
Generation Operation
Timing
Requirements
Description
Calculation
CLKIN
Input Clock
1/tCK
CCLK
Core Clock
1/tCCLK
Table 9. Clock Periods
Timing
Requirements
Description1
1 where:
SR = serial port-to-core clock ratio (wide range, determined by
SPORT CLKDIV)
SPIR = SPI-to-Core Clock Ratio (wide range, determined by
SPIBAUD register)
DAI_Px = Serial Port Clock
SPICLK = SPI Clock
tCK
CLKIN Clock Period
tCCLK
(Processor) Core Clock Period
tPCLK
(Peripheral) Clock Period = 2 × tCCLK
tSCLK
Serial Port Clock Period = (tPCLK) × SR
tSPICLK
SPI Clock Period = (tPCLK) × SPIR
Figure 5. Core Clock and System Clock Relationship to CLKIN
CLKIN
CCLK
(CORE CLOCK)
PLLILCLK
XTAL
XTAL
OSC
PLL
6:1, 16:1,
32:1
CLKOUT
CLK-CFG [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com