Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 6 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 6 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 2Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 3Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 4Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 5Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 6Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 7Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 8Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 9Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
Rev. PrB
|
Page 6 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Using the DM bus and PM buses, with one dedicated to each
memory block assures single-cycle execution with two data
transfers. In this case, the instruction must be available in the
cache.
DMA Controller
The ADSP-21364’s on-chip DMA controller allows data trans-
fers without processor intervention. The DMA controller
operates independently and invisibly to the processor core,
allowing DMA operations to occur while the core is simulta-
neously executing its program instructions. DMA transfers can
occur between the ADSP-21364’s internal memory and its serial
ports, the SPI-compatible (Serial Peripheral Interface) ports, the
IDP (Input Data Port), the Parallel Data Acquisition Port
(PDAP), or the parallel port. Twenty-five channels of DMA are
available on the ADSP-21364—two for the SPI interface, two for
memory-to-memory transfers, twelve via the serial ports, eight
via the Input Data Port, and one via the processor’s parallel
port. Programs can be downloaded to the ADSP-21364 using
DMA transfers. Other DMA features include interrupt genera-
tion upon completion of DMA transfers, and DMA chaining for
automatic linked DMA transfers.
Digital Audio Interface (DAI)
The Digital Audio Interface (DAI) provides the ability to con-
nect various peripherals to any of the SHARCs DAI pins
(DAI_P20–1).
Programs make these connections using the Signal Routing
Unit (SRU, shown in Figure 3).
The SRU is a matrix routing unit (or group of multiplexers) that
enables the peripherals provided by the DAI to be intercon-
nected under software control. This allows easy use of the DAI
associated peripherals for a much wider variety of applications
by using a larger set of algorithms than is possible with noncon-
figurable signal paths.
The DAI also includes six serial ports, two precision clock gen-
erators (PCGs), eight channels of asynchronous sample rate
converters, an input data port (IDP), an SPI port, six flag out-
puts and six flag inputs, and three timers. The IDP provides an
additional input path to the ADSP-21364 core, configurable as
either eight channels of I2S serial data or as seven channels plus
a single 20-bit wide synchronous parallel data acquisition port.
Each data channel has its own DMA channel that is indepen-
dent from the ADSP-21364's serial ports.
For complete information on using the DAI, see the ADSP-
2136x SHARC Processor Hardware Reference.
Serial Ports
The ADSP-21364 features six synchronous serial ports that pro-
vide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices such as Analog Devices’
AD183x family of audio codecs, ADCs, and DACs. The serial
ports are made up of two data lines, a clock and frame sync. The
data lines can be programmed to either transmit or receive and
each data line has a dedicated DMA channel.
Serial ports are enabled via 12 programmable and simultaneous
receive or transmit pins that support up to 24 transmit or 24
receive channels of audio data when all six SPORTS are enabled,
or six full duplex TDM streams of 128 channels per frame.
The serial ports operate at a maximum data rate of 50M bits/s.
Serial port data can be automatically transferred to and from
on-chip memory via dedicated DMA channels. Each of the
serial ports can work in conjunction with another serial port to
provide TDM support. One SPORT provides two transmit sig-
nals while the other SPORT provides the two receive signals.
The frame sync and clock are shared.
Serial ports operate in four modes:
• Standard DSP serial mode
•Multichannel (TDM) mode
•I2S mode
• Left-justified sample pair mode
Left-justified sample pair mode is a mode where in each frame
sync cycle two samples of data are transmitted/received—one
sample on the high segment of the frame sync, the other on the
low segment of the frame sync. Programs have control over var-
ious attributes of this mode.
Figure 3. ADSP-21364 I/O Processor and Peripherals Block Diagram
16
3
PRECI SIO N CLOCK
GENERATORS (2)
SPI PORT (1 )
4
S ERIAL PORTS (6 )
INPUT
DATA P ORTS (8 )
TI ME RS (3)
3
DMA CONTROLLER
I/O PROCESSOR
P ARALLEL PO RT
4
GPI O FLAGS/I RQ/TIMEXP
A D D RE SS /D AT A B U S/ G P IO
CO N T R O L /G PIO
DIGITAL AUDIO INTERFACE
25 C HANNE LS
TO PROCES SOR BUSS ES AND
SYSTEM MEMO RY
IO ADDRE SS
BUS (18 )
PW M (1 6)
IO DATA
BUS (32 )
SPI PORT (1)
4
20
SRC (8 CHANNELS)
SPDIF (RX/ TX )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com