Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 21Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 22Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 19 of 52
|
September 2004
Clock Input
Clock Signals
The ADSP-21364 can use an external clock or a crystal. See
CLKIN pin description. The programmer can configure the
ADSP-21364 to use its internal clock generator by connecting
the necessary components to CLKIN and XTAL. Figure 8 shows
the component connections used for a crystal operating in fun-
damental mode. Note that the clock rate is achieved using a
16.67 MHz crystal and a PLL multiplier ratio 16:1
(CCLK:CLKIN achieves a clock speed of 266 MHz). To achieve
the full core clock rate, programs need to configure the multi-
plier bits in the PMCTL register.
Table 11. Clock Input
Parameter
333 MHz
Unit
Min
Max
Timing Requirements
tCK
CLKIN Period
181
1 Applies only for CLKCFG1–0 = 00 and default values for PLL control bits in PMCTL.
TBD2
2 Applies only for CLKCFG1–0 = 01 and default values for PLL control bits in PMCTL.
ns
tCKL
CLKIN Width Low
7.51
TBD2
ns
tCKH
CLKIN Width High
7.51
TBD2
ns
tCKRF
CLKIN Rise/Fall (0.4V–2.0V)
TBD
ns
tCCLK
3
3 Any changes to PLL control bits in the PMCTL register must meet core clock timing specification tCCLK.
CCLK Period
3.01
TBD
ns
Figure 7. Clock Input
CLKIN
t
CK
t
CKH
t
CKL
Figure 8. 333 MHz Operation (Fundamental Mode Crystal)
CLKIN
XTAL
C1
C2
X1
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. CRYSTAL
SELECTION MUST COMPLY WITH CLKCFG1-0 = 10 OR = 01.
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com