Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 14 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 14 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 10Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 11Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 12Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 13Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Rev. PrB
|
Page 14 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
ADDRESS DATA PINS AS FLAGS
To use these pins as flags (FLAGS15–0) set (=1) bit 20 of the
SYSCTL register to disable the parallel port. Then set (=1) bits
22 to 25 in the SYSCTL register accordingly.
ADDRESS DATA MODES
The following table shows the functionality of the AD pins for
8-bit and 16-bit transfers to the parallel port. For 8-bit data
transfers, ALE latches address bits A23–A8 when asserted, fol-
lowed by address bits A7–A0 and data bits D7–D0 when
deasserted. For 16-bit data transfers, ALE latches address bits
A15–A0 when asserted, followed by data bits D15–D0 when
deasserted.
BOOT MODES
CORE INSTRUCTION RATE TO CLKIN RATIO MODES
For details on processor timing, see Timing Specifications and
Figure 5 on Page 17.
Table 4. AD15–0 to Flag Pin Mapping
AD Pin
Flag Pin
AD Pin
Flag Pin
AD0
FLAG8
AD8
FLAG0
AD1
FLAG9
AD9
FLAG1
AD2
FLAG10
AD10
FLAG2
AD3
FLAG11
AD11
FLAG3
AD4
FLAG12
AD12
FLAG4
AD5
FLAG13
AD13
FLAG5
AD6
FLAG14
AD14
FLAG6
AD7
FLAG15
AD15
FLAG7
Table 5. Address/ Data Mode Selection
EP Data
Mode
ALE
AD7–0
Function
AD15–8
Function
8-bit
Asserted
A15–8
A23–16
8-bit
Deasserted
D7–0
A7–0
16-bit
Asserted
A7–0
A15–8
16-bit
Deasserted
D7–0
D15–8
Table 6. Boot Mode Selection
BOOTCFG1–0
Booting Mode
00
SPI Slave Boot
01
SPI Master Boot
10
Parallel Port boot via EPROM
Table 7. Core Instruction Rate/ CLKIN Ratio Selection
CLKCFG1–0
Core to CLKIN Ratio
00
6:1
01
32:1
10
16:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com