Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 45 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 45 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 41Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 42Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 43Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 44Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 45Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 46Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 47Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 48Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 45 of 52
|
September 2004
Table 42. Thermal Characteristics for 144-Lead Integrated
Heatsink (INT–HS) LQFP (With heat slug soldered to PCB)1
Parameter
Condition
Typical
Unit
θJA
Airflow = 0 m/s
16.50
°C/W
θJMA
Airflow = 1 m/s
15.14
°C/W
θJMA
Airflow = 2 m/s
14.35
°C/W
θJC
6.83
°C/W
ΨJT
Airflow = 0 m/s
0.129
°C/W
ΨJMT
Airflow = 1 m/s
0.255
°C/W
ΨJMT
Airflow = 2 m/s
0.261
°C/W
1 The thermal characteristics values provided in these tables are modeled values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com