Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 30 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 30 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 26Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 27Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 28Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 29Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 30Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 33Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Rev. PrB
|
Page 30 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Table 26. Serial Ports—Enable and Three-State
Parameter
Min
Max
Unit
Switching Characteristics
tDDTEN
1
Data Enable from External Transmit SCLK
2
ns
tDDTTE
1
Data Disable from External Transmit SCLK
7
ns
tDDTIN
1
Data Enable from Internal Transmit SCLK
–1
ns
1 Referenced to drive edge.
Table 27. Serial Ports—External Late Frame Sync
Parameter
Min
Max
Unit
Switching Characteristics
tDDTLFSE
1
Data Delay from Late External Transmit FS or External Receive FS
with MCE = 1, MFD = 0
7
ns
tDDTENFS
1
Data Enable for MCE = 1, MFD = 01
0.5
ns
1 The tDDTLFSE and tDDTENFS parameters apply to Left-justified Sample Pair as well as DSP serial mode, and MCE = 1, MFD = 0.
Figure 21. External Late Frame Sync1
1 This figure reflects changes made to support Left-justified Sample Pair mode.
DRIVE
SAMPLE
DRIVE
DAI_P20-1
(SCLK)
DAI_P20-1
(FS)
DAI_P20-1
(DATA CHANNEL A/B)
DRIVE
SAMPLE
DRIVE
LATE EXTERNAL TRANSMIT FS
EXTERNAL RECEIVE FS WITH MCE = 1, MFD = 0
1ST BIT
2ND BIT
DAI_P20-1
(SCLK)
DAI_P20-1
(FS)
1ST BIT
2ND BIT
tHFSE/I
tSFSE/I
tDDTE/I
tDDTENFS
tDDTLFSE
tHDTE/I
tSFSE/I
tDDTE/I
tDDTENFS
tDDTLFSE
tHDTE/I
DAI_P20-1
(DATA CHANNEL A/B)
NOTE
SERIAL PORT SIGNALS (SCLK, FS, DATA CHANNEL A/B) ARE ROUTED TO THE DAI_P20-1 PINS
USING THE SRU. THE TIMING SPECIFICATIONS PROVIDED HERE ARE VALID AT THE DAI_P20-1 PINS.
tHFSE/I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com