Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 9Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 10Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 11Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 12Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 13Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 13 of 52
|
September 2004
CLKIN
I
Input only
Local Clock In. Used in conjunction with XTAL. CLKIN is the ADSP-21364 clock input.
It configures the ADSP-21364 to use either its internal clock generator or an external
clock source. Connecting the necessary components to CLKIN and XTAL enables the
internal clock generator. Connecting the external clock to CLKIN while leaving XTAL
unconnected configures the ADSP-21364 to use the external clock source such as an
external clock oscillator. The core is clocked either by the PLL output or this clock input
depending on the CLKCFG1–0 pin settings. CLKIN may not be halted, changed, or
operated below the specified frequency.
XTAL
O
Output only2
Crystal Oscillator Terminal. Used in conjunction with CLKIN to drive an external
crystal.
CLKCFG1–0
I
Input only
Core/CLKIN Ratio Control. These pins set the start up clock frequency. See Table 7
for a description of the clock configuration modes.
Note that the operating frequency can be changed by programming the PLL multiplier
and divider in the PMCTL register at any time after the core comes out of reset.
RSTOUT/CLKOUT O
Output only
Local Clock Out/ Reset Out. Drives out the core reset signal to an external device.
CLKOUT can also be configured as a reset out pin.The functionality can be switched
between the PLL output clock and reset out by setting bit 12 of the PMCTREG register.
The default is reset out.
RESET
I/A
Input only
Processor Reset. Resets the ADSP-21364 to a known state. Upon deassertion, there
is a 4096 CLKIN cycle latency for the PLL to lock. After this time, the core begins
program execution from the hardware reset vector address. The RESET input must be
asserted (low) at power-up.
TCK
I
Input only3
Test Clock (JTAG). Provides a clock for JTAG boundary scan. TCK must be asserted
(pulsed low) after power-up or held low for proper operation of the ADSP-21364.
TMS
I/S
(pu)
Three-state with
pullup enabled
Test Mode Select (JTAG). Used to control the test state machine. TMS has a 22.5 k
Ω
internal pullup resistor.
TDI
I/S
(pu)
Three-state with
pullup enabled
Test Data Input (JTAG). Provides serial data for the boundary scan logic. TDI has a
22.5 k
Ω internal pullup resistor.
TDO
O
Three-state4
Test Data Output (JTAG). Serial scan output of the boundary scan path.
TRST
I/A
(pu)
Three-state with
pullup enabled
Test Reset (JTAG). Resets the test state machine. TRST must be asserted (pulsed low)
after power-up or held low for proper operation of the ADSP-21364. TRST has a
22.5 k
Ω internal pullup resistor.
EMU
O (O/D)
(pu)
Three-state with
pullup enabled
Emulation Status. Must be connected to the ADSP-21364 Analog Devices processor
Tools product line of JTAG emulators target board connector only. EMU has a 22.5 k
Ω
internal pullup resistor.
VDDINT
P
Core Power Supply. Nominally +1.2 V dc and supplies the processor’s core processor
(13 pins on the Mini-BGA package, 32 pins on the LQFP package).
VDDEXT
P
I/O Power Supply. Nominally +3.3 V dc. (6 pins on the Mini-BGA package, 10 pins on
the LQFP package).
AVDD
P
Analog Power Supply. Nominally +1.2 V dc and supplies the processor’s internal PLL
(clock generator). This pin has the same specifications as VDDINT, except that added
filtering circuitry is required. For more information, see Power Supplies on Page 8.
AVSS
G
Analog Power Supply Return.
GND
G
Power Supply Return. (54 pins on the Mini-BGA package, 39 pins on the LQFP
package).
1 RD, WR, and ALE are three-stated (and not driven) only when RESET is active.
2 Output only is a three-state driver with its output path always enabled.
3 Input only is a three-state driver with both output path and pullup disabled.
4 Three-state is a three-state driver with pullup disabled.
Table 3. Pin Descriptions (Continued)
Pin
Type
State During &
After Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com