Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 29 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 29 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 25Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 26Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 27Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 28Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 29Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 30Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 29 of 52
|
September 2004
Serial Ports
To determine whether communication is possible between two
devices at clock speed n, the following specifications must be
confirmed: 1) frame sync delay and frame sync setup and hold,
2) data delay and data setup and hold, and 3) SCLK width.
Serial port signals (SCLK, FS, DxA,/DxB) are routed to the
DAI_P20–1 pins using the SRU. Therefore, the timing specifica-
tions provided below are valid at the DAI_P20–1 pins.
Table 24. Serial Ports—External Clock
Parameter
Min
Max
Unit
Timing Requirements
tSFSE
1
FS Setup Before SCLK
(Externally Generated FS in either Transmit or Receive Mode)
2.5
ns
tHFSE
1
FS Hold After SCLK
(Externally Generated FS in either Transmit or Receive Mode)
2.5
ns
tSDRE
1
Receive Data Setup Before Receive SCLK
2.5
ns
tHDRE
1
Receive Data Hold After SCLK
2.5
ns
tSCLKW
SCLK Width
24
ns
tSCLK
SCLK Period
48
ns
Switching Characteristics
tDFSE
2
FS Delay After SCLK
(Internally Generated FS in either Transmit or Receive Mode)
7
ns
tHOFSE
2
FS Hold After SCLK
(Internally Generated FS in either Transmit or Receive Mode)
2
ns
tDDTE
2
Transmit Data Delay After Transmit SCLK
7
ns
tHDTE
2
Transmit Data Hold After Transmit SCLK
2
ns
1 Referenced to sample edge.
2 Referenced to drive edge.
Table 25. Serial Ports—Internal Clock
Parameter
Min
Max
Unit
Timing Requirements
tSFSI
1
FS Setup Before SCLK
(Externally Generated FS in either Transmit or Receive Mode)
7
ns
tHFSI
1
FS Hold After SCLK
(Externally Generated FS in either Transmit or Receive Mode)
2.5
ns
tSDRI
1
Receive Data Setup Before SCLK
7
ns
tHDRI
1
Receive Data Hold After SCLK
2.5
ns
Switching Characteristics
tDFSI
2
FS Delay After SCLK (Internally Generated FS in Transmit Mode)
3
ns
tHOFSI
2
FS Hold After SCLK (Internally Generated FS in Transmit Mode)
–1.0
ns
tDFSI
2
FS Delay After SCLK (Internally Generated FS in Receive or Mode)
3
ns
tHOFSI
2
FS Hold After SCLK (Internally Generated FS in Receive Mode)
–1.0
ns
tDDTI
2
Transmit Data Delay After SCLK
3
ns
tHDTI
2
Transmit Data Hold After SCLK
–1.0
ns
tSCLKIW
Transmit or Receive SCLK Width
0.5tSCLK – 2
0.5tSCLK + 2
ns
1 Referenced to the sample edge.
2 Referenced to drive edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com