Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 38 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 38 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 34Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 35Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 36Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 37Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 38Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 39Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 40Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 41Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Rev. PrB
|
Page 38 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
SPDIF Receiver
The following sections describe timing as it relates to the SPDIF
receiver.
Internal Digital PLL Mode
In internal Digital Phase-locked Loop mode the internal PLL
(Digital PLL) generates the 512 × Fs clock.
Table 34. SPDIF Receiver Internal Digital PLL Mode Timing
Parameter
Min
Max
Unit
Switching Characteristics
tDFSI
LRCLK Delay After SCLK
5
ns
tHOFSI
LRCLK Hold After SCLK
–2
ns
tDDTI
Transmit Data Delay After SCLK
5
ns
tHDTI
Transmit Data Hold After SCLK
–2
ns
tSCLKIW
1
Transmit SCLK Width
40
ns
tCCLK
Core Clock Period
5
ns
1 SCLK frequency is 64 x FS where FS = the frequency of LRCLK.
Figure 31. SPDIF Receiver Internal Digital PLL Mode Timing
DRIVE EDGE
SAMPLE EDGE
DAI_P20-1
(SCLK)
DAI_P20-1
(FS)
DAI_P20-1
(DATA CHANNEL A/B)
tSCLKIW
tDFSI
tDDTI
tHOFSI
tHDTI
tSFSI
tHFSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com