Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 21Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Rev. PrB
|
Page 18 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Power-Up Sequencing
The timing requirements for processor startup are given in
Table 10.
Table 10. Power-Up Sequencing Timing Requirements (Processor Startup)
Parameter
Min
Max
Unit
Timing Requirements
tRSTVDD
RESET Low Before VDDINT/VDDEXT on
0
ns
tIVDDEVDD
VDDINT on Before VDDEXT
–50
200
ms
tCLKVDD
1
CLKIN Valid After VDDINT/VDDEXT Valid
0
200
ms
tCLKRST
CLKIN Valid Before RESET Deasserted
102
µs
tPLLRST
PLL Control Setup Before RESET Deasserted
203
µs
Switching Characteristic
tCORERST
Core Reset Deasserted After RESET Deasserted
4096tCK + 2 tCCLK
4, 5
1 Valid VDDINT/VDDEXT assumes that the supplies are fully ramped to their 1.2 and 3.3 volt rails. Voltage ramp rates can vary from microseconds to hundreds of milliseconds
depending on the design of the power supply subsystem.
2 Assumes a stable CLKIN signal, after meeting worst-case startup timing of crystal oscillators. Refer to your crystal oscillator manufacturer's datasheet for startup time.
Assume a 25 ms maximum oscillator startup time if using the XTAL pin and internal oscillator circuit in conjunction with an external crystal.
3 Based on CLKIN cycles
4 Applies after the power-up sequence is complete. Subsequent resets require a minimum of 4 CLKIN cycles for RESET to be held low in order to properly initialize and
propagate default states at all I/O pins.
5 The 4096 cycle count depends on tSRST specification in Table 12. If setup time is not met, 1 additional CLKIN cycle may be added to the core reset time, resulting in 4097
cycles maximum.
Figure 6. Power Up Sequencing
CLKIN
RESET
RSTOUT
VDDEXT
VDDINT
tPLLRST
tCLKRST
tCLKVDD
t
IVDDEVDD
CLK_CFG1-0
tCORERST
tRSTVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com