Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 15 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 15 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 11Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 12Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 13Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 15 of 52
|
September 2004
ADSP-21364 SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
Parameter1
1 Specifications subject to change without notice.
K Grade
B Grade
C Grade
Min
Max
Min
Max
Min
Max
Unit
VDDINT
Internal (Core) Supply Voltage
1.14
1.26
1.14
1.26
0.95
1.05
V
AVDD
Analog (PLL) Supply Voltage
1.14
1.26
1.14
1.26
0.95
1.05
V
VDDEXT
External (I/O) Supply Voltage
3.13
3.47
3.13
3.47
3.13
3.47
V
VIH
2
2 Applies to input and bidirectional pins: AD15–0, FLAG3–0, DAI_Px, SPICLK, MOSI, MISO, SPIDS, BOOTCFGx, CLKCFGx, RESET, TCK, TMS, TDI, TRST.
High Level Input Voltage @ VDDEXT = max
2.0
VDDEXT + 0.5
2.0
VDDEXT + 0.5
2.0
VDDEXT + 0.5
V
VIL
2
Low Level Input Voltage @ VDDEXT = min
–0.5
+0.8
–0.5
+0.8
–0.5
+0.8
V
VIH_CLKIN
3
3 Applies to input pin CLKIN.
High Level Input Voltage @ VDDEXT = max
1.74
VDDEXT + 0.5
1.74
VDDEXT + 0.5
1.74
VDDEXT + 0.5
V
VIL_CLKIN
Low Level Input Voltage @ VDDEXT = min
–0.5
+1.19
–0.5
+1.19
–0.5
+1.19
V
TAMB
4, 5
4 See Thermal Characteristics on Page 44 for information on thermal specifications.
5 See Engineer-to-Engineer Note (No. TBD) for further information.
Ambient Operating Temperature
0
+70
–40
+85
–40
+105
°C
Parameter1
Test Conditions
Min
Max
Unit
VOH
2
High Level Output Voltage
@ VDDEXT = min, IOH = –1.0 mA
3
2.4
V
VOL
2
Low Level Output Voltage
@ VDDEXT = min, IOL = 1.0 mA
3
0.4
V
IIH
4, 5
High Level Input Current
@ VDDEXT = max, VIN = VDDEXT max
10
µA
IIL
4
Low Level Input Current
@ VDDEXT = max, VIN = 0 V
10
µA
IILPU
5
Low Level Input Current Pullup
@ VDDEXT = max, VIN = 0 V
200
µA
IOZH
6, 7
Three-State Leakage Current
@ VDDEXT= max, VIN = VDDEXT max
10
µA
IOZL
6
Three-State Leakage Current
@ VDDEXT = max, VIN = 0 V
10
µA
IOZLPU
7
Three-State Leakage Current Pullup
@ VDDEXT = max, VIN = 0 V
200
µA
IDD-INTYP
8, 9
Supply Current (Internal)
tCCLK = min, VDDINT = nom
500
mA
AIDD
10
Supply Current (Analog)
AVDD = max
10
mA
CIN
11, 12
Input Capacitance
fIN=1 MHz, TCASE=25°C, VIN=1.2V
4.7
pF
1 Specifications subject to change without notice.
2 Applies to output and bidirectional pins: AD15–0, RD, WR, ALE, FLAG3–0, DAI_Px, SPICLK, MOSI, MISO, EMU, TDO, CLKOUT, XTAL.
3 See Output Drive Currents on Page 43 for typical drive current capabilities.
4 Applies to input pins: SPIDS, BOOTCFGx, CLKCFGx, TCK, RESET, CLKIN.
5 Applies to input pins with 22.5 kΩ internal pullups: TRST, TMS, TDI.
6 Applies to three-statable pins: FLAG3–0.
7 Applies to three-statable pins with 22.5 kΩ pullups: AD15-0, DAI_Px, SPICLK, EMU, MISO, MOSI.
8 Typical internal current data reflects nominal operating conditions.
9 See Engineer-to-Engineer Note (No. TBD) for further information.
10Characterized, but not tested.
11Applies to all signal pins.
12Guaranteed, but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com