| Electronic Components Datasheet Search |
|
ADSP-21364SBBCZENG Datasheet(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-21364SBBCZENG Datasheet(HTML) 36 Page - Analog Devices |
|
36 / 52 page ![]() Rev. PrB | Page 36 of 52 | September 2004 ADSP-21364 Preliminary Technical Data SPDIF Transmitter Serial data input to the SPDIF transmitter can be formatted as left justified, I2S or right justified with word widths of 16, 18, 20, or 24 bits. The following sections provide timing for the transmitter. SPDIF Transmitter—Serial Input Waveforms Figure 27 shows the right-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising edge of SCLK. The MSB is delayed 12-bit clock periods (in 20-bit output mode) or 16-bit clock periods (in 16-bit output mode) from an LRCLK transition, so that when there are 64 SCLK periods per LRCLK period, the LSB of the data will be right-justified to the next LRCLK transition. Figure 28 shows the default I2S-justified mode. LRCLK is LO for the left channel and HI for the right channel. Data is valid on the rising edge of SCLK. The MSB is left-justified to an LRCLK transition but with a single SCLK period delay. Figure 29 shows the left-justified mode. LRCLK is HI for the left channel and LO for the right channel. Data is valid on the rising edge of SCLK. The MSB is left-justified to an LRCLK transition with no MSB delay. Figure 27. Right-Justified Mode LRCLK SCLK SDATA LEFT CHANNEL RIGHT CHANNEL MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB LSB MSB Figure 28. I2S-Justified Mode MSB-1 MSB-2 LSB+2 LSB+1 LSB LRCLK SCLK SDATA LEFT CHANNEL RIGHT CHANNEL MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB Figure 29. Left-Justified Mode LRCLK SCLK SDATA LEFT CHANNEL RIGHT CHANNEL MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB-1 MSB-2 LSB+2 LSB+1 LSB MSB MSB+1 MSB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |