Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 44 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 44 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 40Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 41Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 42Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 43Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 44Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 45Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 46Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 47Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Rev. PrB
|
Page 44 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
THERMAL CHARACTERISTICS
The ADSP-21364 processor is rated for performance to a maxi-
mum junction temperature of 125°C.
Table 39 airflow measurements comply with JEDEC standards
JESD51-2 and JESD51-6 and the junction-to-board measure-
ment complies with JESD51-8. Test board and thermal via
design comply with JEDEC standards JESD51-9 (Mini-BGA)
and JESD51-5 (Integrated Heatsink LQFP). The junction-to-
case measurement complies with MIL- STD-883. All measure-
ments use a 2S2P JEDEC test board.
Industrial applications using the Mini-BGA package require
thermal vias, to an embedded ground plane, in the PCB. Refer to
JEDEC Standard JESD51-9 for printed circuit board thermal
ball land and thermal via design information. Industrial applica-
tions using the LQFP package require thermal trace squares and
thermal vias, to an embedded ground plane, in the PCB. The
bottom side heat slug must be soldered to the thermal trace
squares. Refer to JEDEC Standard JESD51-5 for more
information.
To determine the Junction Temperature of the device while on
the application PCB, use:
where:
TJ = Junction temperature ×C
TCASE = Case temperature (×C) measured at the top center of
the package
ΨJT = Junction-to-Top (of package) characterization parameter
is the Typical value from Table 39 and Table 41.
PD = Power dissipation (see EE Note #216)
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first order approxi-
mation of TJ by the equation:
where:
TA = Ambient Temperature
0C
Values of θJC are provided for package comparison and PCB
design considerations when an external heatsink is required.
Values of θJB are provided for package comparison and PCB
design considerations.
Figure 41. Typical Output Delay or Hold vs. Load Capacitance
(at Ambient Temperature)
LOAD CAPACITANCE (pF)
0
200
50
100
150
10
8
-4
6
0
4
2
-2
Y = 0.0488X - 1.5923
TJ
TCASE
Ψ
JT
PD
×
()
+
=
Table 39. Thermal Characteristics for 136 Ball Mini-BGA
(No thermal vias in PCB)1
Parameter
Condition
Typical
Unit
θJA
Airflow = 0 m/s
25.20
°C/W
θJMA
Airflow = 1 m/s
21.70
°C/W
θJMA
Airflow = 2 m/s
20.80
°C/W
θJC
5.00
°C/W
ΨJT
Airflow = 0 m/s
0.140
°C/W
ΨJMT
Airflow = 1 m/s
0.330
°C/W
ΨJMT
Airflow = 2 m/s
0.410
°C/W
Table 40. Thermal Characteristics for 136 Ball Mini-BGA
(Thermal vias in PCB)1
Parameter
Condition
Typical
Unit
θJA
Airflow = 0 m/s
22.50
°C/W
θJMA
Airflow = 1 m/s
19.30
°C/W
θJMA
Airflow = 2 m/s
18.40
°C/W
θJC
5.00
°C/W
ΨJT
Airflow = 0 m/s
0.130
°C/W
ΨJMT
Airflow = 1 m/s
0.300
°C/W
ΨJMT
Airflow = 2 m/s
0.360
°C/W
Table 41. Thermal Characteristics for 144-Lead Integrated
Heatsink (INT–HS) LQFP (With heat slug not soldered to
PCB)1
Parameter
Condition
Typical
Unit
θJA
Airflow = 0 m/s
26.08
°C/W
θJMA
Airflow = 1 m/s
24.59
°C/W
θJMA
Airflow = 2 m/s
23.77
°C/W
θJC
6.83
°C/W
ΨJT
Airflow = 0 m/s
0.236
°C/W
ΨJMT
Airflow = 1 m/s
0.427
°C/W
ΨJMT
Airflow = 2 m/s
0.441
°C/W
TJ
TA
θ
JA
PD
×
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com