Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 41 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 41 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 37Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 38Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 39Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 40Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 41Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 42Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 43Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 44Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 41 of 52
|
September 2004
SPI Interface—Slave
Table 37. SPI Interface Protocol —Slave Switching and Timing Specifications
Parameter
Min
Max
Unit
Timing Requirements
tSPICLKS
Serial Clock Cycle
4 × tPCLK
ns
tSPICHS
Serial Clock High Period
2 × tPCLK
ns
tSPICLS
Serial Clock Low Period
2 × tPCLK – 2
ns
tSDSCO
SPIDS Assertion to First SPICLK Edge
CPHASE = 0
CPHASE = 1
2 × tPCLK
2 × tPCLK
ns
tHDS
Last SPICLK Edge to SPIDS Not Asserted, CPHASE = 0
2 × tPCLK
ns
tSSPIDS
Data Input Valid to SPICLK edge (Data Input Set-up Time)
2
ns
tHSPIDS
SPICLK Last Sampling Edge to Data Input Not Valid
2
ns
tSDPPW
SPIDS Deassertion Pulse Width (CPHASE=0)
2 × tPCLK
ns
Switching Characteristics
tDSOE
SPIDS Assertion to Data Out Active
0
4
ns
tDSDHI
SPIDS Deassertion to Data High Impedance
0
4
ns
tDDSPIDS
SPICLK Edge to Data Out Valid (Data Out Delay Time)
9.4
ns
tHDSPIDS
SPICLK Edge to Data Out Not Valid (Data Out Hold Time)
2 × tPCLK
ns
tDSOV
SPIDS Assertion to Data Out Valid (CPHASE=0)
5 × tPCLK
ns
Figure 34. SPI Slave Timing
tHSPIDS
tDDSPIDS
tDSDHI
LSB
MSB
MSB VALID
tDSOE
tDDSPIDS
tHD LSB S
MISO
(OUTPUT)
MOSI
(INPUT)
tSSPIDS
SPIDS
(INPUT)
SPICLK
(CP = 0)
(INPUT)
SPICLK
(CP = 1)
(INPUT)
tSDSCO
tSPIC HS
tSPICLS
tSPICLS
tSPICLKS
tHDS
tSPICHS
tSSPIDS
tHSPIDS
tDSDHI
LSB VALID
MSB
MSB VALID
tDSO E
tDDSPIDS
MISO
(OUTPUT)
MOSI
(INPUT)
tSSPIDS
LSB VALID
LSB
CPHASE=1
CPHASE=0
tSDPPW
tDSOV
tHDLSBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com