Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 34 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 34 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 30Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 33Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 34Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 35Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 36Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 37Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Rev. PrB
|
Page 34 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Sample Rate Converter—Serial Input Port
The SRC input signals (SCLK, FS, and SDATA) are routed from
the DAI_P20–1 pins using the SRU. Therefore, the timing spec-
ifications provided in Table 30 are valid at the DAI_P20–1 pins.
Table 30. SRC, Serial Input Port
Parameter
Min
Max
Unit
Timing Requirements
tSIFS
1
FS Setup Before SCLK Rising Edge
4
ns
tSIHFS
1
FS Hold After SCLK Rising Edge
5.5
ns
tSISD
1
SData Setup Before SCLK Rising Edge
4
ns
tSIHD
1
SData Hold After SCLK Rising Edge
5.5
ns
tIDPCLKW
Clock Width
9
ns
tIDPCLK
Clock Period
20
ns
1 DATA, SCLK, FS can come from any of the DAI pins. SCLK and FS can also come via PCG or SPORTs. PCG's input can be either CLKIN or any of the DAI pins.
Figure 25. SRC Serial Input Port Timing
DAI_P20-1
(SCLK)
DAI_P20-1
(FS)
SAMPLE EDGE
tSISD
tSIHD
tSISFS
tSIHFS
tIDPCLKW
DAI_P20-1
(SDATA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com