Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21364SBBCZENG Datasheet HTML 1Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 2Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 3Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 4Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 5Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 6Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 7Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 8Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
a
Preliminary Technical Data
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC® Processor
ADSP-21364
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel:781.329.4700
www.analog.com
Fax:781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
SUMMARY
High performance 32-bit/40-bit floating point processor
optimized for professional audio processing
At 333 MHz/2 GFLOPs, with unique audio centric peripherals
such as the Digital Audio Interface that includes a high-
precision 8-channel asynchronous sample rate converter
among others, the ADSP-21364 SHARC processor is ideal
for applications that require industry leading equalization,
reverberation and other effects processing
Single-Instruction Multiple-Data (SIMD) computational
architecture
Two 32-bit IEEE floating-point/32-bit fixed-point/40-bit
extended precision floating-point computational units,
each with a multiplier, ALU, shifter, and register file
On-chip memory—3M bit of on-chip SRAM and a dedicated
4M bit of on-chip mask-programmable ROM
Code compatible with all other members of the SHARC family
The ADSP-21364 is available with a 333 MHz core instruction
rate and unique audio centric peripherals such as the Digi-
tal Audio Interface, S/PDIF transceiver, serial ports, 8-
channel asynchronous sample rate converter, precision
clock generators and more. For complete ordering infor-
mation, see Ordering Guide on Page 52
Figure 1. Functional Block Diagram – Processor Core
ADDR
DATA
IOD
ADDR
DATA
IOA
ADDR
DATA
IOA
SRAM
1M BIT
ROM
2M BIT
SRAM
0.5M BIT
BLOCK 0
BLOCK 1
BLOCK 2
BLOCK 3
ADDR
DATA
IOA
IOP REGISTERS
(MEMORY MAPPED)
SEE “ADSP-21364 MEMORY
AND I/O INTERFACE FEATURES”
SECTION FOR DETAILS
I/O PROCESSOR
AND PERIPHERALS
6
JTAG TEST & EMULATION
32
PM ADDRESS BUS
DM ADDRESS BUS
32
PM DATA BUS
DM DATA BUS
64
64
PX REGISTER
PROCESSING
ELEMENT
(PEY)
PROCESSING
ELEMENT
(PEX)
TIMER
INSTRUCTION
CACHE
32 X 48-BIT
DAG1
8X4X32
DAG2
8X4X32
CORE PROCESSOR
PROGRAM
SEQUENCER
SRAM
1M BIT
ROM
2M BIT
SIGNAL
ROUTING
UNIT
SRAM
0.5M BIT
4 BLOCKS OF ON-CHIP MEMORY
IOD
IOA
IOD
IOD
SPI
SPORTS
IDP
PCG
TIMERS
SRC
SPDIF
S


Similar Part No. - ADSP-21364SBBCZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21364 AD-ADSP-21364 Datasheet
2Mb / 52P
SHARC Processor
REV. A
ADSP-21364BBC-1AA AD-ADSP-21364BBC-1AA Datasheet
2Mb / 52P
SHARC Processor
REV. A
ADSP-21364BBCZ-1AA AD-ADSP-21364BBCZ-1AA Datasheet
2Mb / 52P
SHARC Processor
REV. A
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
SHARC Processors
Rev. G
ADSP-21364KBC-1AA AD-ADSP-21364KBC-1AA Datasheet
2Mb / 52P
SHARC Processor
REV. A
More results

Similar Description - ADSP-21364SBBCZENG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
SHARC Processor
4/04-Data Sheet Changed from Rev. 0 to Rev. A
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
SHARC Processor
Dec-2005
ADSP-21371 AD-ADSP-21371 Datasheet
2Mb / 48P
SHARC Processor
Jun-2006
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
SHARC Processor
REV. A
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
SHARC Processor
REV. 0
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
SHARC Processor
REV. B
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
SHARC Processor
Rev. F
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com