Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 42 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 42 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 38Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 39Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 40Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 41Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 42Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 43Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 44Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 45Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Rev. PrB
|
Page 42 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
JTAG Test Access Port and Emulation
Table 38. JTAG Test Access Port and Emulation
Parameter
Min
Max
Unit
Timing Requirements
tTCK
TCK Period
tCK
ns
tSTAP
TDI, TMS Setup Before TCK High
5
ns
tHTAP
TDI, TMS Hold After TCK High
6
ns
tSSYS
1
System Inputs Setup Before TCK Low
7
ns
tHSYS
1
System Inputs Hold After TCK Low
18
ns
tTRSTW
TRST Pulse Width
4tCK
ns
Switching Characteristics
tDTDO
TDO Delay From TCK Low
7
ns
tDSYS
2
System Outputs Delay After TCK Low
10
ns
1 System Inputs = AD15–0, SPIDS, CLKCFG1–0, RESET, BOOTCFG1–0, MISO, MOSI, SPICLK, DAI_Px, FLAG3–0.
2 System Outputs = MISO, MOSI, SPICLK, DAI_Px, AD15–0, RD, WR, FLAG3–0, CLKOUT, EMU, ALE.
Figure 35. IEEE 1149.1 JTAG Test Access Port
TCK
TMS
TDI
TDO
SYSTEM
INPUTS
SYSTEM
OUTPUTS
tSTAP
tTCK
tHTAP
tDTDO
tSSYS
tHSYS
tDSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com