Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 22 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 22 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 21Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 22Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 23Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 24Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 25Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Rev. PrB
|
Page 22 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Timer WDTH_CAP Timing
The following timing specification applies to Timer0, Timer1,
and Timer2 in WDTH_CAP (pulse width count and capture)
mode. Timer signals are routed to the DAI_P20–1 pins through
the SRU. Therefore, the timing specifications provided below
are valid at the DAI_P20–1 pins.
DAI Pin to Pin Direct Routing
For direct pin connections only (for example DAI_PB01_I to
DAI_PB02_O).
Table 16. Timer Width Capture Timing
Parameter
Min
Max
Unit
Timing Requirement
tPWI
Timer Pulse Width
2 tPCLK
2(231– 1) tPCLK
ns
Figure 13. Timer Width Capture Timing
DAI_P20-1
(TIMER2-0)
tPWI
Table 17. DAI Pin to Pin Routing
Parameter
Min
Max
Unit
Timing Requirement
tDPIO
Delay DAI Pin Input Valid to DAI Output Valid
1.5
10
ns
Figure 14. DAI Pin to PIN Direct Routing
DAI_PN
tDPIO
DAI_PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com