Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 16 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 16 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 12Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 13Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 14Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 15Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Rev. PrB
|
Page 16 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
MAXIMUM POWER DISSIPATION
The data in this table is based on theta JA (θJA) established per
JEDEC standards JESD51-2 and JESD51-6. See Engineer-to-
Engineer note (EE-TBD) for further information. For informa-
tion on package thermal specifications, see Thermal
Characteristics on Page 44.
ABSOLUTE MAXIMUM RATINGS
ESD SENSITIVITY
TIMING SPECIFICATIONS
The ADSP-21364’s internal clock (a multiple of CLKIN) pro-
vides the clock signal for timing internal memory, processor
core, serial ports, and parallel port (as required for read/write
strobes in asynchronous access mode). During reset, program
the ratio between the processor’s internal clock frequency and
external (CLKIN) clock frequency with the CLKCFG1–0 pins.
To determine switching frequencies for the serial ports, divide
down the internal clock, using the programmable divider con-
trol of each port (DIVx for the serial ports).
The ADSP-21364’s internal clock switches at higher frequencies
than the system input clock (CLKIN). To generate the internal
clock, the processor uses an internal phase-locked loop (PLL).
This PLL-based clocking minimizes the skew between the sys-
tem clock (CLKIN) signal and the processor’s internal clock (the
clock source for the parallel port logic and I/O pads).
Max Ambient
Temp1
1 Power Dissipation greater than that listed above may cause permanent damage to the device.
For more information, see Thermal Characteristics on Page 44.
144 INT–HS
LQFP2
2 Heat slug soldered to PCB
144 INT–HS
LQFP3
3 Heat slug not soldered to PCB
136 Mini-
BGA4
4 Thermal vias in PCB
136 Mini-
BGA5
5 No thermal vias in PCB
70
°C
3.33W
2.10W
2.44W
2.18W
85
°C
2.42W
N/A
1.77W
N/A
105
°C1.21W
N/A
N/A
N/A
Parameter
Rating
Internal (Core) Supply Voltage (VDDINT)
1
1 Stresses greater than those listed above may cause permanent damage to the device. These
are stress ratings only; functional operation of the device at these or any other conditions
greater than those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
–0.3 V to +1.5 V
Analog (PLL) Supply Voltage (AVDD)
1
–0.3 V to +1.5 V
External (I/O) Supply Voltage (VDDEXT)
1
–0.3 V to +4.6 V
Input Voltage–0.5 V to VDDEXT
1
+ 0.5 V
Output Voltage Swing–0.5 V to VDDEXT
1
+ 0.5 V
Load Capacitance1
200 pF
Storage Temperature Range1
–65
°C to +150°C
Junction Temperature under Bias
125
°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADSP-21364 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com