Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 28 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 28 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 24Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 25Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 26Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 27Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 28Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 29Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 30Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Rev. PrB
|
Page 28 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Table 23. 16-bit Memory Write Cycle
Parameter
Min
Max
Unit
Switching Characteristics
tALEW
ALE Pulse Width
2 × tPCLK – 2
ns
tADAS
1
Address/Data 15–0 Setup Before ALE Deasserted
tPCLK – 2.5
ns
tALERW
ALE Deasserted to Write Asserted
2 × tPCLK – 2
ns
tRWALE
Write Deasserted to ALE Asserted
H + 0.5
ns
tWRH
Delay Between WR Rising Edge to next WR Falling Edge
F + H + tPCLK – 2
ns
tADAH
1
Address/Data 15–0 Hold After ALE Deasserted
tPCLK – 0.5
ns
tWW
WR Pulse Width
D – F – 2
ns
tALEHZ
1
ALE Deasserted to Address/Data15–0 in High Z
tPCLK – 1.5
ns
tDWS
Address/Data 15–0 Setup Before WR High
D – F + tPCLK – 4
ns
tDWH
Address/Data 15–0 Hold After WR High
H
ns
D = (Data Cycle Duration = the value set by the PPDUR bits (5–1) in the PPCTL register) × tPCLK
H = tPCLK (if a hold cycle is specified, else H = 0)
F = 7 x tPCLK (if FLASH_MODE is set else F = 0)
1 On reset, ALE is an active high cycle. However, it can be configured by software to be active low.
Figure 20. Write Cycle For 16-Bit Memory Timing
AD15-0
VALID
ADDRESS
VALID DATA
t
ADAS
ALE
RD
WR
t
ADAH
tWRH
t
RWALE
t
ALEW
t
ALERW
tWW
t
DWS
t
DWH
VALID DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com