Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 20 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 20 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 16Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 17Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 18Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 19Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 20Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 21Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 22Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 23Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Rev. PrB
|
Page 20 of 52
|
September 2004
ADSP-21364
Preliminary Technical Data
Reset
Interrupts
The following timing specification applies to the FLAG0,
FLAG1, and FLAG2 pins when they are configured as IRQ0,
IRQ1, and IRQ2 interrupts. Also applies to DAI_P20–1 pins
when configured as interrupts
Table 12. Reset
Parameter
Min
Max
Unit
Timing Requirements
tWRST
1
RESET Pulse Width Low
4tCK
ns
tSRST
RESET Setup Before CLKIN Low
8
ns
1 Applies after the power-up sequence is complete. At power-up, the processor's internal phase-locked loop requires no more than 100 µs while RESET is low, assuming
stable VDD and CLKIN (not including start-up time of external clock oscillator).
Figure 9. Reset
CLKIN
RESET
tWRST
tSRST
Table 13. Interrupts
Parameter
Min
Max
Unit
Timing Requirement
tIPW
IRQx Pulse Width
2 × tPCLK + 2
ns
Figure 10. Interrupts
DAI_P20-1
FLAG2-0
(IRQ2-0)
tIPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com