Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21364SBBCZENG Datasheet(PDF) 35 Page - Analog Devices

Part # ADSP-21364SBBCZENG
Description  SHARC Processor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21364SBBCZENG Datasheet(HTML) 35 Page - Analog Devices

Back Button ADSP-21364SBBCZENG Datasheet HTML 31Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 32Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 33Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 34Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 35Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 36Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 37Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 38Page - Analog Devices ADSP-21364SBBCZENG Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
ADSP-21364
Preliminary Technical Data
Rev. PrB
|
Page 35 of 52
|
September 2004
Sample Rate Converter—Serial Output Port
For the serial output port, the frame-sync is an input and it
should meet setup and hold times with regard to SCLK on the
output port. The serial data output, SDATA, has a hold time
and delay specification with regard to SCLK. Note that SCLK
rising edge is the sampling edge and the falling edge is the drive
edge.
Table 31. SRC, Serial Output Port
Parameter
Min
Max
Unit
Timing Requirements
tSIFS
1
FS Setup Before SCLK Rising Edge
4
ns
tSIHFS
1
FS Hold Before SCLK Rising Edge
5.5
ns
tSRCTDD
1
Transmit Data Delay After SCLK Falling Edge
7
ns
tSRCTDH
1
Transmit Data Hold After SCLK Falling Edge
2
ns
1 DATA, SCLK, FS can come from any of the DAI pins. SCLK and FS can also come via PCG or SPORTs. PCG's input can be either CLKIN or any of the DAI pins.
Figure 26. SRC Serial Output Port Timing
DAI_P20-1
(SCLK)
DAI_P20-1
(FS)
SAMPLE EDGE
tSIFS
tSIHFS
tSISCLKW
DAI_P20-1
(SDATA)
tSRCTDD
tSRCTDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com