Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 4 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 4 Page - PADAUK Technology.

  MCS11 Datasheet HTML 1Page - PADAUK Technology. MCS11 Datasheet HTML 2Page - PADAUK Technology. MCS11 Datasheet HTML 3Page - PADAUK Technology. MCS11 Datasheet HTML 4Page - PADAUK Technology. MCS11 Datasheet HTML 5Page - PADAUK Technology. MCS11 Datasheet HTML 6Page - PADAUK Technology. MCS11 Datasheet HTML 7Page - PADAUK Technology. MCS11 Datasheet HTML 8Page - PADAUK Technology. MCS11 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 4 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-10. WatchDog Timer................................................................................................................40
5-11. Interrupt .............................................................................................................................41
5-12. Power-Save and Power-Down ...........................................................................................43
5-12-1. Power-Save mode (“stopexe”) ...............................................................................43
5-12-2. Power-Down mode (“stopsys”) ...............................................................................44
5-12-3. Wake-up ................................................................................................................45
5-13. IO Pins...............................................................................................................................46
5-14. Reset and LVD (Low Voltage Detection)............................................................................47
5-14-1. Reset .....................................................................................................................47
5-14-2. LVD reset...............................................................................................................47
5-15. Hall Comparator.................................................................................................................48
5-16. Analog-to-Digital Conversion (ADC) module ......................................................................49
5-16-1. The input requirement for AD conversion ...............................................................50
5-16-2. Select the ADC bit resolution .................................................................................50
5-16-3. ADC clock selection ...............................................................................................50
5-16-4. AD conversion........................................................................................................51
5-16-5. Configure the analog pins ......................................................................................51
5-16-6. Using the ADC .......................................................................................................52
5-17 10-BIT PWM generator .......................................................................................................53
5-17-1. PWM Waveform.....................................................................................................53
5-17-2. Hardware and Timing Diagram ..............................................................................53
5-17-3. Equations for 10-bit PWM Generator .....................................................................54
5-18 Input Pulse Capture ............................................................................................................55
5-19 PWM Protection..................................................................................................................56
5-20 Multiplier .............................................................................................................................57
5-21. General Purpose Comparator ............................................................................................58
5-21-1. General Purpose Comparator Hardware Diagram..................................................58
5-21-2. Analog Inputs .........................................................................................................59
5-21-3. Internal reference voltage (Vinternal R) .......................................................................59
5-21-4. Synchronizing General Purpose Comparator Output to Timer2..............................62
5-21-5. Using the general purpose comparator ..................................................................62
5-21-6. Using the comparator and band-gap 1.20V ............................................................63
6. IO Registers.......................................................................................................................... 64
6-1. ACC Status Flag Register (flag), IO address = 0x00 ............................................................64
6-2. FPP unit Enable Register (fppen), IO address = 0x01..........................................................64
6-3. Stack Pointer Register (sp), IO address = 0x02 ...................................................................64
6-4. Clock Mode Register (clkmd), IO address = 0x03 ................................................................65
6-5 Register Option Register (rop), IO address = 0x3e ...............................................................65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com