Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 10 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 10 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 6Page - PADAUK Technology. MCS11 Datasheet HTML 7Page - PADAUK Technology. MCS11 Datasheet HTML 8Page - PADAUK Technology. MCS11 Datasheet HTML 9Page - PADAUK Technology. MCS11 Datasheet HTML 10Page - PADAUK Technology. MCS11 Datasheet HTML 11Page - PADAUK Technology. MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 10 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
3. MCS11 Pin Assignment and Description
Pin Name Buffer Type
Description
PA7/X1
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 7 of port A. It can be configured as input or output with pull-up resistor.
(2) X1 when crystal oscillator is used.
(3) External interrupt line 2. Both rising edge and falling edge are accepted to request
interrupt service.
(4) Output of PWM generator.
If this pin is used for crystal oscillator, bit 7 of padier register must be programmed “0” to
avoid leakage current. This pin can be used to wake-up system during sleep mode;
however, wake-up and interrupt functions are disabled if bit 7 of padier register is “0”.
PA6/X2
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 6 of port A. It can be configured as input or output with pull-up resistor.
(2) X2 when crystal oscillator is used.
(3) Input of Pulse Capture.
(4) Output of PWM generator.
If this pin is used for crystal oscillator, bit 6 of padier register must be programmed “0” to
avoid leakage current. This pin can be used to wake-up system during sleep mode;
however, wake-up function is also disabled if bit 6 of padier register is “0”.
PA5 /
PRST#
IO
ST /
CMOS
The functions of this pin can be:
(1) Bit 5 of port A. It can be configured as input or open-drain output pin. Please notice
that there is no pull-up resistor in this pin.
(2) Hardware reset.
(3) Output of Hall comparator.
(4) Input of Pulse Capture.
This pin can be used to wake-up system during sleep mode; however, wake-up function
is also disabled if bit 5 of padier register is “0”.
Please put 33Ω resistor in series to have
high noise immunity when this pin is in input mode.
PA4/AD9
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 4 of port A. It can be configured as input or output with pull-up resistor.
(2) Channel 9 input of ADC.
(3) Output of PWM generator.
(4) Minus input of general purpose comparator
If this pin acts as analog input, bit 4 of padier register must be programmed “0” to avoid
leakage current. This pin can be used to wake up system during sleep mode; however,
wake-up function from this pin is also disabled when bit 4 of padier register is “0”.
PB0/INT1/AD0
GND
PA5/PRST#
PA4/AD9
PA3/AD8
PB7/AD7
VDD
PA6/X2
PA7/X1
PA0/INT0
10
9
8
7
6
1
2
3
4
5
MCS11(MSOP10-118mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com