Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 69 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 69 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 65Page - PADAUK Technology. MCS11 Datasheet HTML 66Page - PADAUK Technology. MCS11 Datasheet HTML 67Page - PADAUK Technology. MCS11 Datasheet HTML 68Page - PADAUK Technology. MCS11 Datasheet HTML 69Page - PADAUK Technology. MCS11 Datasheet HTML 70Page - PADAUK Technology. MCS11 Datasheet HTML 71Page - PADAUK Technology. MCS11 Datasheet HTML 72Page - PADAUK Technology. MCS11 Datasheet HTML 73Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 69 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-15. Port A Digital Input Enable Register (padier), IO address = 0x0d
Bit
Reset
R/W
Description
7
1
WO
Enable PA7 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low to prevent leakage current when external crystal oscillator
is used. If this bit is set to low, PA7 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
6
1
WO
Enable PA6 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low to prevent leakage current when external crystal oscillator
is used. If this bit is set to low, PA6 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
5
1
WO
Enable PA5 wake-up event.
1 / 0 : enable / disable.
This bit can be set to low to disable wake-up from PA5 toggling.
Note: For ICE emulation, wakeup is disabled when this bit is “1” and “0” is enabled.
4
1
WO
Enable PA4 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PA4 is assigned as AD input to prevent leakage
current. If this bit is set to low, PA4 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
3
1
WO
Enable PA3 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PA3 is assigned as AD input to prevent leakage
current. If this bit is set to low, PA3 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
2
1
WO
Enable PA2 wake-up event.
1 / 0 : enable / disable.
This bit can be set to low to disable wake-up from PA2 toggling.
Note: For ICE emulation, wakeup is disabled when this bit is “1” and “0” is enabled.
1
1
WO
Enable PA1 wake-up event.
1 / 0 : enable / disable.
This bit can be set to low to disable wake-up from PA1 toggling.
Note: For ICE emulation, wakeup is disabled when this bit is “1” and “0” is enabled.
0
1
WO
Enable PA0 wake-up event and interrupt request.
1 / 0 : enable / disable.
This bit can be set to low to disable wake-up from PA0 toggling and interrupt request
from this pin.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
Note: Due to the controlling polarity of this register is different between ICE and real chip. In order to unify the
program for both ICE emulation and real chip to be the same one, please use the following command to write this
register:
“$ PADIER
0xhh” ;
For example:
$ PADIER
0xF0;
It is used to enable the digital input and wakeup function of bit [7:4] of port A for both ICE and real chip, IDE will
handle the difference between ICE and real chip automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com