Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 70 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 70 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 66Page - PADAUK Technology. MCS11 Datasheet HTML 67Page - PADAUK Technology. MCS11 Datasheet HTML 68Page - PADAUK Technology. MCS11 Datasheet HTML 69Page - PADAUK Technology. MCS11 Datasheet HTML 70Page - PADAUK Technology. MCS11 Datasheet HTML 71Page - PADAUK Technology. MCS11 Datasheet HTML 72Page - PADAUK Technology. MCS11 Datasheet HTML 73Page - PADAUK Technology. MCS11 Datasheet HTML 74Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 70 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
6-16. Port B Digital Input Enable Register (pbdier), IO address = 0x0e
Bit
Reset
R/W
Description
7
1
WO
Enable PB7 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB7 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB7 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
6
1
WO
Enable PB6 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB6 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB6 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
5
1
WO
Enable PB5 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB5 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB5 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
4
1
WO
Enable PB4 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB4 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB4 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
3
1
WO
Enable PB3 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB3 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB3 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
2
1
WO
Enable PB2 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB2 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB2 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
1
1
WO
Enable PB1 digital input and wake-up event.
1 / 0 : enable / disable.
This bit should be set to low when PB1 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB1 can NOT be used to wake-up the system.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
0
1
WO
Disable PB0 digital input, external interrupt and wake up event. 1 / 0 : enable / disable.
This bit should be set to low when PB0 is assigned as AD input to prevent leakage
current. If this bit is set to low, PB0 can NOT be used as external interrupt pin and to
wake up the system during power-down mode.
Note: For ICE emulation, the function is disabled when this bit is “1” and “0” is enabled.
Note: Due to the controlling polarity of this register is different between ICE and real chip. In order to unify the
program for both ICE emulation and real chip to be the same one, please use the following command to write this
register:
“$ PBDIER
0xhh” ;
For example:
$ PBDIER
0xF0;
It is used to enable the digital input and wakeup function of bit [7:4] of port B for both ICE and real chip, IDE will
handle the difference between ICE and real chip automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com