Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 11 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 11 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 7Page - PADAUK Technology. MCS11 Datasheet HTML 8Page - PADAUK Technology. MCS11 Datasheet HTML 9Page - PADAUK Technology. MCS11 Datasheet HTML 10Page - PADAUK Technology. MCS11 Datasheet HTML 11Page - PADAUK Technology. MCS11 Datasheet HTML 12Page - PADAUK Technology. MCS11 Datasheet HTML 13Page - PADAUK Technology. MCS11 Datasheet HTML 14Page - PADAUK Technology. MCS11 Datasheet HTML 15Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 11 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
Pin Name
Buffer Type
Description
PA3/AD8
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port A. It can be configured as input or output with pull-up resistor.
(2) Channel 8 input of ADC.
(3) Output of PWM generator.
(4) Minus input of general purpose comparator.
If this pin acts as analog input, bit 3 of padier register must be programmed “0” to
avoid leakage current. This pin can be used to wake up system during sleep mode;
however, wake-up function from this pin is also disabled when bit 3 of padier register
is “0”.
PA0/INT0
IO
ST /
CMOS
The functions of this pin can be:
(1) Bit 0 of port A. It can be configured as input or output with pull-up resistor.
(2) External interrupt line 0. Both rising edge and falling edge are accepted to request
interrupt service.
(3) Input of Pulse Capture.
This pin can be used to wake up system during sleep mode; however, wake-up
function from this pin is also disabled when bit 0 of padier register is “0”.
PB7/AD7
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 7 of port B. It can be configured as input or output with pull-up resistor.
(2) Channel 7 input of ADC.
(3) Input of Pulse Capture.
(4) Minus input of general purpose comparator
(5) External interrupt line 3. Both rising edge and falling edge are accepted to request
interrupt service.
If this pin acts as analog input, bit 7 of pbdier register must be programmed “0” to
avoid leakage current. This pin can be used to wake up system during sleep mode;
however, wake-up function from this pin is also disabled when bit 7 of pbdier register
is “0”.
PB0/INT1
/AD0
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 0 of port B. It can be configured as input or output with pull-up resistor.
(2) Channel 0 input of ADC.
(3) Minus input of general purpose comparator
(4) Plus input of general purpose comparator
(5) Output of general purpose comparator
(6) External interrupt line 1. Both rising edge and falling edge are accepted to request
interrupt service.
If this pin acts as analog input, bit 0 of pbdier register must be programmed “0” to
avoid leakage current. This pin can be used to wake up system during sleep mode;
however, wake-up function from this pin is also disabled when bit 0 of pbdier register
is “0”.
VDD
Positive power
GND
Ground
Notes: IO: Input/Output; ST: Schmitt Trigger input; Analog: Analog input pin; CMOS: CMOS voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com