Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 22 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 22 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 18Page - PADAUK Technology. MCS11 Datasheet HTML 19Page - PADAUK Technology. MCS11 Datasheet HTML 20Page - PADAUK Technology. MCS11 Datasheet HTML 21Page - PADAUK Technology. MCS11 Datasheet HTML 22Page - PADAUK Technology. MCS11 Datasheet HTML 23Page - PADAUK Technology. MCS11 Datasheet HTML 24Page - PADAUK Technology. MCS11 Datasheet HTML 25Page - PADAUK Technology. MCS11 Datasheet HTML 26Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 22 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
Fig. 5-1-2 shows the timing sequence of FPP units for pmode=0 which will assign the bandwidth to two FPP
units only. FPP0 and FPP1 each have half computing power of whole system; for pmode=0, FPP0 and
FPP1will be operated at 4MHz if system clock is 8MHz. For FPP0 unit, its program will be executed in
sequence every other system clock, shown as (M-1)th, Mth, …. (M+4)th instructions. For FPP1 unit, its program
will be also executed in sequence every other system clock, shown as (N-1)th, Nth, …. (N+3)th instructions.
Fig. 5-1-2 Timing Sequence of Processing units for pmode=0
System Clock
Time
FPP0 active
FPP1 active
Mth
(M+1)th
(M-1)th
Nth
(N+1)th
(N-1)th
(M+2)th
(M+3)th
(M+4)th
(N+2)th
(N+3)th
PMODE=0 (FPP0 and FPP1 are active, FPP2~FPP7 are inactive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com