Electronic Components Datasheet Search
  English  ▼

X  

MCS11 Datasheet(PDF) 46 Page - PADAUK Technology.

Part # MCS11
Description  Field Programmable Processor Array
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

MCS11 Datasheet(HTML) 46 Page - PADAUK Technology.

Back Button MCS11 Datasheet HTML 42Page - PADAUK Technology. MCS11 Datasheet HTML 43Page - PADAUK Technology. MCS11 Datasheet HTML 44Page - PADAUK Technology. MCS11 Datasheet HTML 45Page - PADAUK Technology. MCS11 Datasheet HTML 46Page - PADAUK Technology. MCS11 Datasheet HTML 47Page - PADAUK Technology. MCS11 Datasheet HTML 48Page - PADAUK Technology. MCS11 Datasheet HTML 49Page - PADAUK Technology. MCS11 Datasheet HTML 50Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
MCS11
ADC-Type Enhanced FPPA
TM Controller
©Copyright 2018, PADAUK Technology Co. Ltd
Page 46 of 108
PDK-DS-MCS11_v020 – Apr. 20, 2018
5-13. IO Pins
Other than PA5, all the pins can be independently set into two states output or input by configuring the data
registers (pa, pb), control registers (pac, pbc) and pull-high registers (paph, pbph). All these pins have
Schmitt-trigger input buffer and output driver with CMOS level. When it is set to output low, the pull-up resistor
is turned off automatically. If user wants to read the pin state, please notice that it should be set to input mode
before reading the data port; if user reads the data port when it is set to output mode, the reading data comes
from data register, NOT from IO pad. As an example, Table 6 shows the configuration table of bit 0 of port A.
The hardware diagram of IO buffer is also shown as Fig. 5-13-1.
Table 6 PA0 Configuration Table
Fig. 5-13-1 Hardware diagram of IO buffer
pa.0
pac.0 paph.0
Description
X
0
0
Input without pull-up resistor
X
0
1
Input with pull-up resistor
0
1
X
Output low without pull-up resistor
1
1
0
Output high without pull-up resistor
1
1
1
Output high with pull-up resistor
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier.x or pbdier.x
Wakeup module
Interrupt module
(PA0,PB0 only)
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier.x or pbdier.x
Wakeup module
Interrupt module
(PA0,PB0 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com